Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT661EVA Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza CAT661EVA
Descripción Electrónicos  High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT661EVA Datasheet(HTML) 5 Page - ON Semiconductor

  CAT661EVA Datasheet HTML 1Page - ON Semiconductor CAT661EVA Datasheet HTML 2Page - ON Semiconductor CAT661EVA Datasheet HTML 3Page - ON Semiconductor CAT661EVA Datasheet HTML 4Page - ON Semiconductor CAT661EVA Datasheet HTML 5Page - ON Semiconductor CAT661EVA Datasheet HTML 6Page - ON Semiconductor CAT661EVA Datasheet HTML 7Page - ON Semiconductor CAT661EVA Datasheet HTML 8Page - ON Semiconductor CAT661EVA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CAT661
5
Doc. No. MD-5003, Rev. L
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice.
TYPICAL OPERATING CHARACTERISTICS
4.0
4.2
4.4
4.6
4.8
5.0
0
20406080
100
LOAD CURRENT [mA]
0.0
0.2
0.4
0.6
0.8
1.0
0
2040
6080
100
LOAD CURRENT [mA]
V+ = 3V
V+ = 5V
Inverted Output voltage vs. Load, V+ = 5V
Output Voltage Drop vs. Load Current
0
40
80
120
160
200
12
34
56
SUPPLY VOLTAGE [V]
FC = V+
0
10
20
30
40
50
12
34
56
SUPPLY VOLTAGE [V]
FC = Open
40
50
60
70
80
90
100
0
50
100
LOAD CURRENT [mA]
V+ = 3V
V+ =5V
Oscillator Frequency vs. Supply Voltage
Oscillator Frequency vs. Supply Voltage
Supply Current vs. Oscillator Frequency
Efficiency vs. Load Current
10
100
1000
10000
1
10
100
1000
OSCILLATOR FREQUENCY [KHz]
No
Ld
No Load


Número de pieza similar - CAT661EVA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT661EVA CATALYST-CAT661EVA Datasheet
488Kb / 16P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT661EVA CATALYST-CAT661EVA Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661EVA ONSEMI-CAT661EVA Datasheet
164Kb / 16P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
CAT661EVA-GT3 ONSEMI-CAT661EVA-GT3 Datasheet
142Kb / 14P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT661EVA-T3 CATALYST-CAT661EVA-T3 Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
More results

Descripción similar - CAT661EVA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661 Datasheet
488Kb / 16P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
CAT661 ONSEMI-CAT661_12 Datasheet
142Kb / 14P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
logo
Sipex Corporation
SP6661 SIPEX-SP6661 Datasheet
293Kb / 7P
   High Frequency 200mA Charge Pump Inverter or Doubler
SP6661EN-L SIPEX-SP6661EN-L Datasheet
513Kb / 8P
   High Frequency 200mA Charge Pump Inverter or Doubler
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com