Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT3224HV3-GT2 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza CAT3224HV3-GT2
Descripción Electrónicos  4 Amp Supercapacitor Flash LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3224HV3-GT2 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT3224HV3-GT2 Datasheet HTML 1Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 2Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 3Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 4Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 5Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 6Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 7Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 8Page - ON Semiconductor CAT3224HV3-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT3224
© 2009 SCILLC. All rights reserved.
5
Doc. No. MD-5043 Rev. A
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, C = 0.55F, TAMB = 25ºC, typical application circuit unless otherwise specified.
Idle Quiescent Current vs. Input Voltage
60
70
80
90
100
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE [V]
Charge Current vs. RC
0.1
1.0
0.1
1
10
RC[kΩ]
Flash LED Current vs. RF
0.1
1.0
10.0
0.1
1
10
RF [kΩ]
Torch LED Current vs. RT
10
100
1000
0.1110
RT [kΩ]
FLAG RDSON vs. Input Voltage
0
5
10
15
20
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE [V]


Número de pieza similar - CAT3224HV3-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT3224HV3-GT2 ONSEMI-CAT3224HV3-GT2 Datasheet
192Kb / 13P
   4 Amp Supercapacitor Flash LED Driver
December, 2009 ??Rev. 0
More results

Descripción similar - CAT3224HV3-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT3224 ONSEMI-CAT3224 Datasheet
192Kb / 13P
   4 Amp Supercapacitor Flash LED Driver
December, 2009 ??Rev. 0
logo
Exar Corporation
XRP6840 EXAR-XRP6840 Datasheet
664Kb / 17P
   4.3A Supercapacitor Flash LED Driver with I2C
logo
Integrated Silicon Solu...
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
   FLASH LED DRIVER
IS31BL3231-DLS2 ISSI-IS31BL3231-DLS2 Datasheet
389Kb / 13P
   FLASH LED DRIVER
IS31BL3231 ISSI-IS31BL3231 Datasheet
444Kb / 9P
   FLASH LED DRIVER
IS31BL3232-DLS2 ISSI-IS31BL3232-DLS2 Datasheet
404Kb / 11P
   FLASH LED DRIVER
logo
List of Unclassifed Man...
AMC7123 ETC1-AMC7123 Datasheet
104Kb / 1P
   Flash Light LED Driver
logo
NXP Semiconductors
AN10712 PHILIPS-AN10712_15 Datasheet
219Kb / 14P
   Photo flash LED driver
Rev. 1-28 October 2011
logo
ADDtek Corp
AMC7123 ADDTEK-AMC7123 Datasheet
97Kb / 8P
   FLASH LIGHT LED DRIVER
JULY 2006
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com