Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT3643HV3-T2 Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza CAT3643HV3-T2
Descripción Electrónicos  3-Channel Ultra High Efficiency Quad-Mode LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3643HV3-T2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT3643HV3-T2 Datasheet HTML 5Page - ON Semiconductor CAT3643HV3-T2 Datasheet HTML 6Page - ON Semiconductor CAT3643HV3-T2 Datasheet HTML 7Page - ON Semiconductor CAT3643HV3-T2 Datasheet HTML 8Page - ON Semiconductor CAT3643HV3-T2 Datasheet HTML 9Page - ON Semiconductor CAT3643HV3-T2 Datasheet HTML 10Page - ON Semiconductor CAT3643HV3-T2 Datasheet HTML 11Page - ON Semiconductor CAT3643HV3-T2 Datasheet HTML 12Page - ON Semiconductor CAT3643HV3-T2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CAT3643
© 2008 SCILLC. All rights reserved.
9
Doc. No. MD-5022 Rev. G
Characteristics subject to change without notice
PIN DESCRIPTION
Name
Function
LED1
LED1 cathode terminal.
LED2
LED2 cathode terminal.
LED3
LED3 cathode terminal.
RSET
Connect resistor RSET to set the LED current.
EN/DIM
Device enable (active high) and Dimming Control.
VOUT
Charge pump output connected to the LED anodes.
VIN
Charge pump input, connect to battery or supply.
C1+
Bucket capacitor 1 Positive terminal
C1-
Bucket capacitor 1 Negative terminal
C2+
Bucket capacitor 2 Positive terminal
C2-
Bucket capacitor 2 Negative terminal
GND
Ground Reference
NC
Not connected inside package.
GND
Connect to GND on the PCB.
PIN FUNCTION
VIN is the supply pin for the charge pump. A small
1μF ceramic bypass capacitor is required between the
VIN pin and ground near the device. The operating
input voltage range is from 2.5V to 5.5V. Whenever
the input supply falls below the under-voltage
threshold (1.8V), all the LED channels are disabled
and the device enters shutdown mode.
EN/DIM is the enable and one wire dimming input for
all LED channels. Levels of logic high and logic low
are set at 1.3V and 0.4V respectively. When EN/DIM
is initially taken high, the device becomes enabled
and all LED currents are set to the full scale according
to the resistor RSET. To place the device into “zero
current” shutdown mode, the EN/DIM pin must be
held low for at least 1.5ms.
VOUT is the charge pump output that is connected to
the LED anodes. A small 1μF ceramic bypass
capacitor is required between the VOUT pin and
ground near the device.
GND is the ground reference for the charge pump. The
pin must be connected to the ground plane on the PCB.
C1+, C1- are connected to each side of the ceramic
bucket capacitor C1.
C2+, C2- are connected to each side of the ceramic
bucket capacitor C2.
LED1, LED2, LED3 provide the internal regulated
current sources for each of the LED cathodes. These
pins enter high-impedance zero current state when-
ever the device is placed in shutdown mode.
TAB is the exposed pad underneath the package. For
best thermal performance, the tab should be soldered
to the PCB and connected to the ground plane.
RSET is connected to the resistor (RSET) to set the full
scale current for the LEDs. The voltage at this pin
regulated to 0.6V. The ground side of the external
resistor should be star connected back to the GND of
the PCB. In shutdown mode, RSET becomes high
impedance.


Número de pieza similar - CAT3643HV3-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT3643HV3-T2 CATALYST-CAT3643HV3-T2 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
CAT3643HV3-T2 CATALYST-CAT3643HV3-T2 Datasheet
328Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver
logo
ON Semiconductor
CAT3643HV3-T2 ONSEMI-CAT3643HV3-T2 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
More results

Descripción similar - CAT3643HV3-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT3643 ONSEMI-CAT3643 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3643_0710 CATALYST-CAT3643_0710 Datasheet
328Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver
CAT3643 CATALYST-CAT3643 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3644 ONSEMI-CAT3644 Datasheet
191Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3644_0710 CATALYST-CAT3644_0710 Datasheet
312Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver
CAT3644 CATALYST-CAT3644 Datasheet
293Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3647 ONSEMI-CAT3647 Datasheet
208Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
May, 2010 ??Rev. 2
CAT3647HV3-GT2 ONSEMI-CAT3647HV3-GT2 Datasheet
294Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
Doc. No. MD-5030 Rev. C
logo
Catalyst Semiconductor
CAT3647 CATALYST-CAT3647 Datasheet
305Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver with 32 Dimming Levels
CAT3637 CATALYST-CAT3637 Datasheet
283Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode??LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com