Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT4004VP2-T3 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza CAT4004VP2-T3
Descripción Electrónicos  4-Channel Constant Current LED Driver with EZDim
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4004VP2-T3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT4004VP2-T3 Datasheet HTML 1Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 2Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 3Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 4Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 5Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 6Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 7Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 8Page - ON Semiconductor CAT4004VP2-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CAT4004
Doc. No. MD-5024 Rev. C
2
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
VIN
2.4 to 5.5
(1)
V
Ambient Temperature Range
-40 to +85
°C
ILED per LED pin
0 to 40
mA
Typical application circuit with external components is shown on page 1.
ELECTRICAL OPERATING CHARACTERISTICS
(over recommended operating conditions unless specified otherwise) VIN = 4.0V, EN = High, TAMB = 25°C
Symbol
Name
Conditions
Min
Typ
Max
Units
IQ
Quiescent Current
No load, RSET = Float
No load, RSET = 4.8kΩ
0.6
1.0
mA
mA
IQSHDN
Shutdown Current
VEN = 0V
1
µA
ILED-ACC
LED Current Accuracy
1mA ≤ ILED ≤ 40mA
±1
%
ILED-DEV
LED Channel Matching
LED
LEDAVG
LED
I
I
I
-5
±1
+5
%
VDOUT
Dropout Voltage
ILED = 30mA
130
mV
REN/DIM
VHI
VLO
EN/DIM Pin
Internal pull-down resistor
Logic High Level
Logic Low Level
1.3
100
0.4
k
Ω
V
V
TSD
Thermal Shutdown
150
°C
THYS
Thermal Hysteresis
20
°C
VUVLO
Undervoltage lockout (UVLO) threshold
1.8
V
Parameter
Rating
Unit
VIN, LEDx, RSET
6
V
EN/DIM Voltage
VIN + 0.7
V
Storage Temperature Range
-65 to +160
°C
Junction Temperature Range
-40 to +150
°C
Lead Temperature
300
°C


Número de pieza similar - CAT4004VP2-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT4004VP2-T3 CATALYST-CAT4004VP2-T3 Datasheet
295Kb / 11P
   4-Channel Constant Current LED Driver with EZDi TM
CAT4004VP2-T3 CATALYST-CAT4004VP2-T3 Datasheet
248Kb / 11P
   4-Channel Constant Current LED Driver with EZDim?
logo
ON Semiconductor
CAT4004VP2-T3 ONSEMI-CAT4004VP2-T3 Datasheet
149Kb / 10P
   4-Channel Constant Current LED Driver with EZDim
March, 2010 ??Rev. 2
More results

Descripción similar - CAT4004VP2-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT4004 ONSEMI-CAT4004 Datasheet
149Kb / 10P
   4-Channel Constant Current LED Driver with EZDim
March, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004_08 Datasheet
248Kb / 11P
   4-Channel Constant Current LED Driver with EZDim?
logo
SamHop Microelectronics...
SM6704 SAMHOP-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704A SAMHOP-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
M.S. Kennedy Corporatio...
SM6704A MSK-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704 MSK-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004 Datasheet
295Kb / 11P
   4-Channel Constant Current LED Driver with EZDi TM
logo
List of Unclassifed Man...
UCS2904B ETC-UCS2904B Datasheet
488Kb / 8P
   4-channel LED constant current driver UCS2904B
ver2.
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
   4-Channel Constant Current White LED Driver
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com