Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT4139TD-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza CAT4139TD-GT3
Descripción Electrónicos  22V High Current Boost White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4139TD-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT4139TD-GT3 Datasheet HTML 1Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 2Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 3Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 4Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 5Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 6Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 7Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 8Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT4139
Doc. No. MD-5032 Rev. B
4
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 5.0V, IOUT = 180mA, TAMB = 25ºC, with typical application circuit unless otherwise specified.
Output Current vs. Input Voltage
100
120
140
160
180
200
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE [V]
Output Current Regulation
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
4.5
4.7
4.9
5.1
5.3
5.5
INPUT VOLTAGE [V]
Efficiency vs. Output Current
75
80
85
90
95
80
100 120 140 160 180 200
OUTPUT CURRENT [mA]
Efficiency vs. Input Voltage
75
80
85
90
95
4.5
4.7
4.9
5.1
5.3
5.5
INPUT VOLTAGE [V]
IOUT = 120mA
IOUT = 180mA
Power-up at 180mA
Switching Waveform


Número de pieza similar - CAT4139TD-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT4139TD-GT3 CATALYST-CAT4139TD-GT3 Datasheet
274Kb / 13P
   22V High Current Boost White LED Driver
logo
ON Semiconductor
CAT4139TD-GT3 ONSEMI-CAT4139TD-GT3 Datasheet
186Kb / 13P
   22 V High Current Boost White LED Driver
February, 2010 ??Rev. 1
CAT4139TD-GT3 ONSEMI-CAT4139TD-GT3 Datasheet
133Kb / 13P
   22V High Current Boost White LED Driver
April, 2016 ??Rev. 2
More results

Descripción similar - CAT4139TD-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT4139 ONSEMI-CAT4139_16 Datasheet
133Kb / 13P
   22V High Current Boost White LED Driver
April, 2016 ??Rev. 2
logo
Catalyst Semiconductor
CAT4139 CATALYST-CAT4139 Datasheet
274Kb / 13P
   22V High Current Boost White LED Driver
logo
ON Semiconductor
CAT4139 ONSEMI-CAT4139 Datasheet
186Kb / 13P
   22 V High Current Boost White LED Driver
February, 2010 ??Rev. 1
logo
Kingbor Technology Co
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
   High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4317 KINGBOR-KB4317 Datasheet
146Kb / 9P
   High Efficiency, Constant Current 2 Watt Boost White-LED Driver
logo
Eutech Microelectronics...
EUP2588 EUTECH-EUP2588 Datasheet
134Kb / 1P
   4 Strings High Current White LED Driver with Boost Controller
logo
Kingbor Technology Co
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
   High Efficiency, Constant Current 12 Watt Boost White-LED Driver
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com