Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT4238TD-GT3 Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza CAT4238TD-GT3
Descripción Electrónicos  High Efficiency 10 LED Boost Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4238TD-GT3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT4238TD-GT3 Datasheet HTML 3Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 4Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 5Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 6Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 7Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 8Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 9Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 10Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT4238
© 2008 SCILLC. All rights reserved.
7
Doc. No. MD-5019 Rev. E
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, CIN = 4.7μF, COUT = 0.22µF, L = 47µH with 10 LEDs at 20mA, TAMB = 25ºC, unless otherwise specified.
Maximum Output Current vs. Input Voltage
0
10
20
30
40
50
60
3.03.54.04.5
5.05.5
INPUT VOLTAGE [V]
VOUT = 35V
Shutdown Voltage vs. Input Voltage
0.2
0.4
0.6
0.8
1.0
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE [V]
-40°C
-25°C
85°C
125°C


Número de pieza similar - CAT4238TD-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT4238TD-GT3 CATALYST-CAT4238TD-GT3 Datasheet
279Kb / 14P
   High Efficiency 10 LED Boost Converter
CAT4238TD-GT3 CATALYST-CAT4238TD-GT3 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
More results

Descripción similar - CAT4238TD-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238_07 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238 Datasheet
279Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238_16 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
logo
Copal Electronics
W-6238 COPAL-W-6238 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
   High Efficiency Boost Converter
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
logo
Copal Electronics
AN32 COPAL-AN32 Datasheet
124Kb / 7P
   10-LED Boost Converter
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
219Kb / 15P
   High Efficiency 2.5W Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com