Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM2025-41LS Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

No. de pieza SM2025-41LS
Descripción Electrónicos  2000 - 2500 MHz 12 Watt Ultra-Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Página de inicio  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2025-41LS Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM2025-41LS Datasheet HTML 1Page - Stealth Microwave, Inc. SM2025-41LS Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2025-41LS
2000 - 2500 MHz
12 Watt Ultra-Linear Power Amplifier
FOR BROADCAST APPLICATIONS
Parameter
Specification
Frequency Range
2.0 – 2.5 GHz
Pout (P1dB)
+41 dBm (typ.)
Pout (Linear)
+33.5 dBm 1
Output Third Order
Intercept Point (OIP3)
+59.5 dBm
Linear Gain
51.5 dB
Gain Flatness
(over full band)
± .5 dB
Gain Change
(over temperature)
± .5 dB
VSWR (Input/Output)
1.8:1 / 1.5:1
DC Input Voltage
+12 Volts
DC Input Current
4.0 Amperes
(operational)
Mechanical
Dimensions
6.0 x 2.5 x .56 inches
RF Connectors
SMA Female
Operating
Temperature
-10º to +60ºC 2
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM2025-41LS is a 2.0 to 2.5 GHz
solid state GaAs FET amplifier designed for
demanding applications such as digital
video transmission. The amplifier provides
51.5 dB of linear gain with a P1dB of
+41 dBm. Our proprietary pre-distortion
technique provides enough linearity for
approx. 2.2 Watts of COFDM output at
>40dBc ACP. It is available in modular
form (standard), as a lab unit or in 19” rack
mountable form.
Features
• Integrated Linearizer
• Single Power Supply
• Thermal Protection with Auto Reset
Options
• Forward Power Detection
• Logic On/Off Control
• Integral Heatsink
Configurations
• Module (Standard)
• Laboratory Unit
• 19” Rack Mount
1 Input signal is 7.68 MHz wide with a
9.49 dB peak to average. The test
measurement is in a 10 MHz bandwidth,
offset by 10 MHz, with an ACP of 40
dBc.
2 -30 o C is TBD


Número de pieza similar - SM2025-41LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stealth Microwave, Inc.
SM2025-42LS STEALTH_MICROWAVE-SM2025-42LS Datasheet
141Kb / 2P
   2000 - 2500 MHz 15 Watt Ultra-Linear Power Amplifier
SM2025-44L STEALTH_MICROWAVE-SM2025-44L Datasheet
174Kb / 3P
   2000-2500 MHz 25 Watt Linear Power Amplifier
SM2025-46L STEALTH_MICROWAVE-SM2025-46L Datasheet
86Kb / 2P
   2000-2500 MHz 50 Watt Linear Power Amplifier
More results

Descripción similar - SM2025-41LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stealth Microwave, Inc.
SM2025-38LS STEALTH_MICROWAVE-SM2025-38LS Datasheet
141Kb / 2P
   2000-2500 MHz 6 Watt Ultra-Linear Power Amplifier
SM2025-42LS STEALTH_MICROWAVE-SM2025-42LS Datasheet
141Kb / 2P
   2000 - 2500 MHz 15 Watt Ultra-Linear Power Amplifier
SM2527-41L STEALTH_MICROWAVE-SM2527-41L Datasheet
85Kb / 2P
   2500-2700 MHz 12 Watt Ultra Linear Power Amplifier
SM2025-44L STEALTH_MICROWAVE-SM2025-44L Datasheet
174Kb / 3P
   2000-2500 MHz 25 Watt Linear Power Amplifier
SM2025-46L STEALTH_MICROWAVE-SM2025-46L Datasheet
86Kb / 2P
   2000-2500 MHz 50 Watt Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2527-41 STEALTH_MICROWAVE-SM2527-41 Datasheet
173Kb / 3P
   2500-2700 MHz 12 Watt Linear Power Amplifier
SM2325-41L STEALTH_MICROWAVE-SM2325-41L Datasheet
84Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM1720-41L STEALTH_MICROWAVE-SM1720-41L Datasheet
104Kb / 2P
   1700-2000 MHz 12 Watt Linear Power Amplifier
SM2023-41 STEALTH_MICROWAVE-SM2023-41 Datasheet
90Kb / 2P
   2000-2300 MHz 12 Watt Linear Power Amplifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com