Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5221WI-00 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza CAT5221WI-00
Descripción Electrónicos  Dual Digitally Programmable Potentiometer with 64 Taps and I2C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5221WI-00 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5221WI-00 Datasheet HTML 1Page - ON Semiconductor CAT5221WI-00 Datasheet HTML 2Page - ON Semiconductor CAT5221WI-00 Datasheet HTML 3Page - ON Semiconductor CAT5221WI-00 Datasheet HTML 4Page - ON Semiconductor CAT5221WI-00 Datasheet HTML 5Page - ON Semiconductor CAT5221WI-00 Datasheet HTML 6Page - ON Semiconductor CAT5221WI-00 Datasheet HTML 7Page - ON Semiconductor CAT5221WI-00 Datasheet HTML 8Page - ON Semiconductor CAT5221WI-00 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CAT5221
© 2008 SCILLC. All rights reserved.
1
Doc. No. MD-2113 Rev. L
Characteristics subject to change without notice
Dual Digitally Programmable Potentiometer (DPP™) with
64 Taps and I
2C Interface
FEATURES
Two linear-taper digitally programmable
potentiometers
64 resistor taps per potentiometer
End to end resistance 2.5k
Ω, 10kΩ, 50kΩ or
100k
Potentiometer control and memory access via
I
2C interface
Low wiper resistance, typically 80
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
20-lead SOIC and TSSOP packages
Industrial temperature range
For Ordering Information details, see page 15.
PIN CONFIGURATION
SOIC 20 Lead (W)
TSSOP 20 Lead (Y)
RW0
1
20 V
CC
RL0
2
19 NC
RH0
3
18 NC
A0
4
17 NC
A2
5
16 A1
RW1
6
15 A3
RL1
7
14 SCL
RH1
8
13 NC
SDA
9
12 NC
GND
10
11 NC
CAT
5221
DESCRIPTION
The
CAT5221
is
two
Digitally
Programmable
Potentiometers (DPPs™) integrated with control logic
and 16 bytes of NVRAM memory. Each DPP consists
of a series of 63 resistive elements connected
between two externally accessible end points. The tap
points between each resistive element are connected
to the wiper outputs with CMOS switches. A separate
6-bit control register (WCR) independently controls
the wiper tap switches for each DPP. Associated with
each wiper control register are four 6-bit non-volatile
memory data registers (DR) used for storing up to four
wiper settings. Writing to the wiper control register or
any of the non-volatile data registers is via a I
2C serial
bus. On power-up, the contents of the first data
register (DR0) for each of the four potentiometers is
automatically loaded into its respective wiper control
register (WCR).
The CAT5221 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications.
FUNCTIONAL DIAGRAM
RW0
RW1
RH0
SCL
SDA
A0
A1
A2
A3
RH1
RL0
RL1
NONVOLATILE
DATA
REGISTERS
WIPER
CONTROL
REGISTERS
CONTROL
LOGIC
I2C
INTERFACE


Número de pieza similar - CAT5221WI-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5221WI-00 CATALYST-CAT5221WI-00 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5221WI-00-T1 ONSEMI-CAT5221WI-00-T1 Datasheet
249Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
CAT5221WI-00-T1 ONSEMI-CAT5221WI-00-T1 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
logo
Catalyst Semiconductor
CAT5221WI-00TE13 CATALYST-CAT5221WI-00TE13 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
More results

Descripción similar - CAT5221WI-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221 Datasheet
249Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
CAT5241WI-25 ONSEMI-CAT5241WI-25 Datasheet
218Kb / 16P
   Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. Q
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
CAT5411WI-25 ONSEMI-CAT5411WI-25 Datasheet
269Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132_08 Datasheet
205Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
logo
ON Semiconductor
CAT5132 ONSEMI-CAT5132 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com