Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5251YI-50 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza CAT5251YI-50
Descripción Electrónicos  Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5251YI-50 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5251YI-50 Datasheet HTML 1Page - ON Semiconductor CAT5251YI-50 Datasheet HTML 2Page - ON Semiconductor CAT5251YI-50 Datasheet HTML 3Page - ON Semiconductor CAT5251YI-50 Datasheet HTML 4Page - ON Semiconductor CAT5251YI-50 Datasheet HTML 5Page - ON Semiconductor CAT5251YI-50 Datasheet HTML 6Page - ON Semiconductor CAT5251YI-50 Datasheet HTML 7Page - ON Semiconductor CAT5251YI-50 Datasheet HTML 8Page - ON Semiconductor CAT5251YI-50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CAT5251
© 2008 SCILLC. All rights reserved.
1
Doc. No. MD-2017 Rev. G
Characteristics subject to change without notice
Quad Digitally Programmable Potentiometer (DPP™) with
256 Taps and SPI Interface
FEATURES
Four linear-taper digitally programmable
potentiometers
254 resistor taps per potentiometer
End to end resistance 50kΩ or 100kΩ
Potentiometer control and memory access via
SPI interface
Low wiper resistance, typically 100Ω
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
SOIC 24-lead and TSSOP 24-lead
Industrial temperature range
For Ordering Information details, see page 14.
PIN CONFIGURATION
SOIC 24-Lead (W)
TSSOP 24-Lead (Y)
SO
1
24 HOLD
¯¯¯¯¯
A0
2
23 SCK
RW3
3
22 RL2
RH3
4
21 RH2
RL3
5
20 RW2
NC
6
19 NC
VCC
7
18 GND
RLO
8
17 RW1
RHO
9
16 RH1
RWO 10
15 RL1
CS
¯¯¯ 11
14 A1
WP
¯¯¯ 12
13 SI
CAT
5251
DESCRIPTION
The
CAT5251
is
four
Digitally
Programmable
Potentiometers (DPPs™) integrated with control logic
and 16 bytes of NVRAM memory. Each DPP consists
of a series of resistive elements connected between
two externally accessible end points. The tap points
between each resistive element are connected to the
wiper outputs with CMOS switches. A separate 8-bit
control register (WCR) independently controls the
wiper tap switches for each DPP. Associated with
each wiper control register are four 8-bit non-volatile
memory data registers (DR) used for storing up to four
wiper settings. Writing to the wiper control register or
any of the non-volatile data registers is via a SPI serial
bus. On power-up, the contents of the first data
register (DR0) for each of the four potentiometers is
automatically loaded into its respective wiper control
register.
The CAT5251 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications. It is available in the -40°C to 85°C
industrial operating temperature range and offered in
a 24-lead SOIC and TSSOP package.
FUNCTIONAL DIAGRAM
RW0
RW1
RH0
A0
A1
WP
HOLD
RH1
RL0
RL1
NONVOLATILE
DATA
REGISTERS
WIPER
CONTROL
REGISTERS
CONTROL
LOGIC
SPI BUS
INTERFACE
RW2
RH2
RL2
RW3
RH3
RL3
SCK
SI
CS
SO


Número de pieza similar - CAT5251YI-50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5251YI-50 CATALYST-CAT5251YI-50 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5251YI-50-T2 ONSEMI-CAT5251YI-50-T2 Datasheet
252Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. H
CAT5251YI-50-T2 ONSEMI-CAT5251YI-50-T2 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
logo
Catalyst Semiconductor
CAT5251YI-50TE13 CATALYST-CAT5251YI-50TE13 Datasheet
95Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP) with 256 Taps and SPI Interface
More results

Descripción similar - CAT5251YI-50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
CAT5251 CATALYST-CAT5251 Datasheet
95Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP) with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5251 ONSEMI-CAT5251 Datasheet
252Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. H
CAT524 ONSEMI-CAT524 Datasheet
214Kb / 15P
   Quad Digitally Programmable Potentiometer (DPPtm) with 256 Taps and Microwire Interface
Doc. No. MD-2006 Rev. I
logo
Catalyst Semiconductor
CAT525_0711 CATALYST-CAT525_0711 Datasheet
256Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT525 ONSEMI-CAT525 Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
logo
Catalyst Semiconductor
CAT524 CATALYST-CAT524_07 Datasheet
248Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com