Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5123TBI-00-T3 Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza CAT5123TBI-00-T3
Descripción Electrónicos  32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5123TBI-00-T3 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT5123TBI-00-T3 Datasheet HTML 7Page - ON Semiconductor CAT5123TBI-00-T3 Datasheet HTML 8Page - ON Semiconductor CAT5123TBI-00-T3 Datasheet HTML 9Page - ON Semiconductor CAT5123TBI-00-T3 Datasheet HTML 10Page - ON Semiconductor CAT5123TBI-00-T3 Datasheet HTML 11Page - ON Semiconductor CAT5123TBI-00-T3 Datasheet HTML 12Page - ON Semiconductor CAT5123TBI-00-T3 Datasheet HTML 13Page - ON Semiconductor CAT5123TBI-00-T3 Datasheet HTML 14Page - ON Semiconductor CAT5123TBI-00-T3 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125
© 2008 SCILLC. All rights reserved.
11
Doc. No. MD-2120 Rev. K
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION (1)
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard finish is NiPdAu.
(3) The device used in the example above is a CAT5110SDI-10 -GT3 (SC-70, Industrial Temperature, 10kΩ, NiPdAu, Tape & Reel, 3,000/Reel).
(4) For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.
Prefix
Device #
Suffix
CAT
5110
SD
I
-10
G
T3
Optional
Company ID
Temperature Range
I = Industrial (-40ºC to 85ºC)
Resistance
-10: 10kΩ
-50: 50kΩ
-00: 100kΩ
Lead Finish
Blank: Matte-Tin
G: NiPdAu
Tape & Reel
T: Tape & Reel
3: 3,000/Reel
Product Number
5110
5118
5119
5123
5124
5125
Package
SD: SC-70
TB: SOT-23
For Product Top Mark Codes, click here:
http://www.catsemi.com/techsupport/producttopmark.asp


Número de pieza similar - CAT5123TBI-00-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5123TBI-00-T3 CATALYST-CAT5123TBI-00-T3 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123TBI-00-T3 CATALYST-CAT5123TBI-00-T3 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123TBI-00-T3 CATALYST-CAT5123TBI-00-T3 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5123TBI-00-T3 ONSEMI-CAT5123TBI-00-T3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5123TBI-00-T3 ONSEMI-CAT5123TBI-00-T3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
More results

Descripción similar - CAT5123TBI-00-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com