Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5125TBI-50-GT3 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza CAT5125TBI-50-GT3
Descripción Electrónicos  32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5125TBI-50-GT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5125TBI-50-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5125TBI-50-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5125TBI-50-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5125TBI-50-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5125TBI-50-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5125TBI-50-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5125TBI-50-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5125TBI-50-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5125TBI-50-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CAT5110, CAT5118, CAT5119
CAT5123, CAT5124, CAT5125
© 2008 SCILLC. All rights reserved.
1
Doc. No. MD-2120 Rev. K
Characteristics subject to change without notice
32-Tap MiniPot™ Digitally Programmable
Potentiometers with 2-Wire Interface
FEATURES
0.3µA Ultra-low standby current
Single-supply operation: 2.7V to 5.5V
Glitchless switching between resistor taps
Power-on reset to midscale
2-wire up/down serial interface
Resistance values: 10kΩ, 50kΩ and 100kΩ
Low wiper resistance: 80Ω for
CAT5123, CAT5124, CAT5125
CAT5110, CAT5118, CAT5119 available in SC-70
APPLICATIONS
LCD screen adjustment
Volume control
Mechanical potentiometer replacement
Gain adjustment
Line impedance matching
For Ordering Information details, see page 11.
PIN CONFIGURATION
DESCRIPTION
CAT5110/18/19/23/24/25 linear-taper digitally programmable
potentiometers perform the same function as a
mechanical potentiometer or a variable resistor. These
devices consist of a fixed resistor and a wiper contact
with 32-tap points that are digitally controlled through a
2-wire up/down serial interface.
The CAT5110 and CAT5125 are configured as
potentiometers. The CAT5118/19/23/24 are configured
as variable resistors.
Three resistance values are available: 10kΩ, 50kΩ and
100kΩ. All devices are available in space-saving 5-pin
and 6-pin SOT-23 packages. The CAT5110/18/19 are
also available in the SC-70 package.
FUNCTIONAL DIAGRAM
U/D
VDD
GND
H
L
W
CS
VDD
GND
CS
U/D
H
L
5
34
GND
CS
U/D
H
2
CAT5118
CAT5123
GND
CS
U/D
16
1
5
34
H
VDD
VDD
VDD
VDD
2
34
W
5
CAT5110
CAT5125
SOT-23
SOT-23
SOT-23
GND
CS
U/D
16 H
2
L
5
CAT5119
CAT5124
34
GND
CS
U/D
H
2
CAT5118
GND
CS
U/D
16
1
5
H
VDD
2
34
W
5
CAT5110
SC-70
SC-70
SC-70
2
CAT5119
34
16


Número de pieza similar - CAT5125TBI-50-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5125TBI-50-GT3 CATALYST-CAT5125TBI-50-GT3 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5125TBI-50-GT3 CATALYST-CAT5125TBI-50-GT3 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5125TBI-50-GT3 CATALYST-CAT5125TBI-50-GT3 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results

Descripción similar - CAT5125TBI-50-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com