Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT9534HV4I-G Datasheet(PDF) 2 Page - ON Semiconductor |
|
CAT9534HV4I-G Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 16 page CAT9534 Doc. No. MD-9004 Rev. C 2 © 2009 SCILLC. All rights reserved Characteristics subject to change without notice PIN CONFIGURATION SOIC (W), TSSOP (Y) TQFN 4 x 4mm (HV4) (Top View) A0 VCC A1 SDA A2 SCL I/O0 INT I/O1 I/O7 I/O2 I/O6 I/O3 I/O5 VSS I/O4 1 2 3 4 13 14 15 16 8 7 6 5 12 10 9 11 PIN DESCRIPTION SOIC / TSSOP TQFN Pin Name Function 1 15 A0 Address Input 0 2 16 A1 Address Input 1 3 1 A2 Address Input 2 4-7 2-5 I/O0-3 Input/Output Port 0 to Input/Output Port 3 8 6 VSS Ground 9-12 7-10 I/O4-7 Input/Output Port 4 to Input/Output Port 7 13 11 INT ¯¯¯ Interrupt Output (open drain) 14 12 SCL Serial Clock 15 13 SDA Serial Data 16 14 VCC Power Supply ABSOLUTE MAXIMUM RATINGS (1) Parameters Ratings Units VCC with Respect to Ground -0.5 to +6.5 V Voltage on Any Pin with Respect to Ground -0.5 to +5.5 V DC Current on I/O0 to I/O7 ±50 mA DC Input Current ±20 mA VCC Supply Current 85 mA VSS Supply Current 100 mA Package Power Dissipation Capability (TA = 25°C) 1.0 W Junction Temperature +150 ºC Storage Temperature -65 to +150 ºC RELIABILITY CHARACTERISTICS Symbol Parameter Reference Test Method Min Units VZAP (2) ESD Susceptibility JEDEC Standard JESD 22 2000 Volts ILTH (2)(3) Latch-up JEDEC Standard 17 100 mA Notes: (1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. (2) This parameter is tested initially and after a design or process change that affects the parameter. (3) Latch-up protection is provided for stresses up to 100mA on address and data pins from -1V to VCC +1V. 116 A0 VCC 215 A1 SDA 314 A2 SCL 413 I/O0 INT 512 I/O1 I/O7 611 I/O2 I/O6 710 I/O3 I/O5 89 VSS I/O4 |
Número de pieza similar - CAT9534HV4I-G |
|
Descripción similar - CAT9534HV4I-G |