Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT9555HV6I-GT2 Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza CAT9555HV6I-GT2
Descripción Electrónicos  16-bit I짼C and SMBus I/O Port with Interrupt
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9555HV6I-GT2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT9555HV6I-GT2 Datasheet HTML 5Page - ON Semiconductor CAT9555HV6I-GT2 Datasheet HTML 6Page - ON Semiconductor CAT9555HV6I-GT2 Datasheet HTML 7Page - ON Semiconductor CAT9555HV6I-GT2 Datasheet HTML 8Page - ON Semiconductor CAT9555HV6I-GT2 Datasheet HTML 9Page - ON Semiconductor CAT9555HV6I-GT2 Datasheet HTML 10Page - ON Semiconductor CAT9555HV6I-GT2 Datasheet HTML 11Page - ON Semiconductor CAT9555HV6I-GT2 Datasheet HTML 12Page - ON Semiconductor CAT9555HV6I-GT2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CAT9555
© 2008 SCILLC. All rights reserved
9
Doc. No. MD-9003, Rev. I
Characteristics subject to change without notice
FUNCTIONAL DESCRIPTION
The CAT9555 general purpose input/output (GPIO)
peripheral provides up to sixteen I/O ports, controlled
through an I²C compatible serial interface
The CAT9555 supports the I²C Bus data transmission
protocol. This Inter-Integrated Circuit Bus protocol
defines any device that sends data to the bus to be a
transmitter and any device receiving data to be a
receiver. The transfer is controlled by the Master
device which generates the serial clock and all
START and STOP conditions for bus access. The
CAT9555 operates as a Slave device. Both the
Master device and Slave device can operate as either
transmitter or receiver, but the Master device controls
which mode is activated.
I²C BUS PROTOCOL
The features of the I²C bus protocol are defined as
follows:
(1) Data transfer may be initiated only when the bus
is not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any
changes in the data line while the clock line is
high will be interpreted as a START or STOP
condition (Figure 5).
START AND STOP CONDITIONS
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT9555 monitors the
SDA and SCL lines and will not respond until this
condition is met.
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must
end with a STOP condition.
DEVICE ADDRESSING
After the bus Master sends a START condition, a
slave address byte is required to enable the CAT9555
for a read or write operation. The four most significant
bits of the slave address are fixed as binary 0100
(Figure 6). The CAT9555 uses the next three bits as
address bits.
The address bits A2, A1 and A0 are used to select
which device is accessed from maximum eight
devices on the same bus. These bits must compare to
their hardwired input pins. The 8th bit following the 7-
bit slave address is the R/W
¯¯ bit that specifies whether
a read or write operation is to be performed. When
this bit is set to “1”, a read operation is initiated, and
when set to “0”, a write operation is selected.
Following the START condition and the slave address
byte, the CAT9555 monitors the bus and responds
with an acknowledge (on the SDA line) when its
address matches the transmitted slave address. The
CAT9555 then performs a read or a write operation
depending on the state of the R/W
¯¯ bit.
Figure 5. START/STOP Condition
Figure 6. CAT9555 Slave Address
0
1
0
0
A2A1A0
R/W
SLAVE ADDRESS
FIXED
PROGRAMMABLE
HARDWARE
SELECTABLE
START
CONDITION
STOP
CONDITION
SDA
SCL


Número de pieza similar - CAT9555HV6I-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT9555HV6I-GT2 CATALYST-CAT9555HV6I-GT2 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555HV6I-GT2 ONSEMI-CAT9555HV6I-GT2 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555HV6I-GT2 ONSEMI-CAT9555HV6I-GT2 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
More results

Descripción similar - CAT9555HV6I-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com