Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5400 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza 1N5400
Descripción Electrónicos  STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5400 Datasheet(HTML) 1 Page - Motorola, Inc

  1N5400 Datasheet HTML 1Page - Motorola, Inc 1N5400 Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Rectifier Device Data
Axial-Lead
Standard Recovery Rectifiers
Lead mounted standard recovery rectifiers are designed for use in power supplies
and other applications having need of a device with the following features:
• High Current to Small Size
• High Surge Current Capability
• Low Forward Voltage Drop
• Void–Free Economical Plastic Package
• Available in Volume Quantities
Mechanical Characteristics
• Case: Epoxy, Molded
• Weight: 1.1 gram (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are
Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
220
°C Max. for 10 Seconds, 1/16″ from case
• Shipped in plastic bags, 5,000 per bag.
• Available Tape and Reeled, 1500 per reel, by adding a “RL” suffix to the
part number
• Polarity: Cathode Indicated by Polarity Band
• Marking: 1N5400, 1N5401, 1N5402, 1N5404, 1N5406, 1N5407, 1N5408
MAXIMUM RATINGS
Rating
Symbol
1N5400
1N5401
1N5402
1N5404
1N5406
1N5407
1N5408
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
Volts
Non–repetitive Peak Reverse Voltage
VRSM
100
200
300
525
800
1000
1200
Volts
Average Rectified Forward Current
(Single Phase Resistive Load,
1/2
″ Leads, TL = 105°C)
IO
3.0
Amp
Non–repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions)
IFSM
200 (one cycle)
Amp
Operating and Storage Junction
Temperature Range
TJ
Tstg
– 65 to +170
– 65 to +175
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Typ
Unit
Thermal Resistance, Junction to Ambient (PC Board Mount, 1/2
″ Leads)
R
θJA
53
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
*Instantaneous Forward Voltage (1)
(iF = 9.4 Amp)
vF
1.2
Volts
Average Reverse Current (1)
DC Reverse Current (Rated dc Voltage, TL = 80°C)
IR(AV)
IR
500
500
µA
* JEDEC Registered Data.
(1) Measured in a single phase halfwave circuit such as shown in Figure 6.25 of EIA RS–282, November 1963. Operated at rated load conditions
TL = 80°C, IO = 3.0 A, Vr = VRWM.
Preferred devices are Motorola recommended choices for future use and best overall value.
Ratings at 25
°C ambient temperature unless otherwise specified.
60 Hz resistive or inductive loads.
For capacitive load, derate current by 20%.
© Motorola, Inc. 1996
Order this document
by 1N5400/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1N5400
thru
1N5408
STANDARD
RECOVERY RECTIFIERS
50–1000 VOLTS
3.0 AMPERE
CASE 267–03
1N5404 and 1N5406 are
Motorola Preferred Devices
Rev 2


Número de pieza similar - 1N5400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SAMYANG ELECTRONICS CO....
1N5400 SAMYANG-1N5400 Datasheet
457Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5400 PANJIT-1N5400 Datasheet
51Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400 Datasheet
228Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Diotec Semiconductor
1N5400 DIOTEC-1N5400 Datasheet
61Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
Taiwan Memory Technolog...
1N5400 TMT-1N5400 Datasheet
173Kb / 4P
   3A, 50V - 1000V Silicon Rectifiers
More results

Descripción similar - 1N5400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
DRS301K RECTRON-DRS301K Datasheet
319Kb / 5P
   GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE 50 to 1000 Volts CURRENT 3.0 Ampere
2018-10 REV: C
logo
Shanghai Lunsure Electr...
RL101GP CHENYI-RL101GP Datasheet
204Kb / 2P
   1.0Amp standard recovery rectifier 50-1000 volts
logo
Micro Commercial Compon...
RGP30A MCC-RGP30A Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
List of Unclassifed Man...
GS1A ETC-GS1A Datasheet
51Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER VOLTAGE - 50 TO 1000 VOLTS CURRENT - 1.0 AMPERE
logo
Bytesonic Electronics C...
ER300 BYTESONIC-ER300 Datasheet
146Kb / 2P
   3.0 Ampere SUPERFAST RECOVERY RECTIFIERS
logo
Kingtronics Internation...
FR101 KINGTRONICS-FR101 Datasheet
168Kb / 2P
   FAST RECOVERY RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
Micro Commercial Compon...
PF501L MCC-PF501L Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
PF501 MCC-PF501 Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
RL101GP MCC-RL101GP Datasheet
248Kb / 2P
   1.0 Amp Standard Recovery Rectifier 50-1000 Volts
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com