Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5913B Datasheet(PDF) 9 Page - Motorola, Inc

No. de pieza 1N5913B
Descripción Electrónicos  1 TO 3 WATT ZENER REGULATOR DIODES 3.3-400 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5913B Datasheet(HTML) 9 Page - Motorola, Inc

Back Button 1N5913B Datasheet HTML 2Page - Motorola, Inc 1N5913B Datasheet HTML 3Page - Motorola, Inc 1N5913B Datasheet HTML 4Page - Motorola, Inc 1N5913B Datasheet HTML 5Page - Motorola, Inc 1N5913B Datasheet HTML 6Page - Motorola, Inc 1N5913B Datasheet HTML 7Page - Motorola, Inc 1N5913B Datasheet HTML 8Page - Motorola, Inc 1N5913B Datasheet HTML 9Page - Motorola, Inc 1N5913B Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
GENERAL DATA — 1-3 WATT DO-41 SURMETIC 30
Motorola TVS/Zener Device Data
6-51
1–3 Watt DO-41 Surmetic 30 Data Sheet
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) VF = 1.5 V Max, lF = 200 mA for all types
Motorola
Type No.
(Note 1)
Nominal
Zener Voltage
VZ @ IZT
Volts
(Note 2)
Test Current
IZT
mA
Max Zener Impedance
(Note 3)
Leakage
Current
Surge
Current
@ TA = 25°C
ir – mA
(Note 4)
Motorola
Type No.
(Note 1)
VZ @ IZT
Volts
(Note 2)
Test Current
IZT
mA
ZZT @ IZT
Ohms
ZZK @ IZK
Ohms
IZK
mA
IR
µA Max
VR
Volts
@
@ TA = 25°C
ir – mA
(Note 4)
MZP4728A
3.3
76
10
400
1
100
1
1380
MZP4729A
3.6
69
10
400
1
100
1
1260
MZP4730A
3.9
64
9
400
1
50
1
1190
MZP4731A
4.3
58
9
400
1
10
1
1070
MZP4732A
4.7
53
8
500
1
10
1
970
MZP4733A
5.1
49
7
550
1
10
1
890
MZP4734A
5.6
45
5
600
1
10
2
810
MZP4735A
6.2
41
2
700
1
10
3
730
MZP4736A
6.8
37
3.5
700
1
10
4
660
MZP4737A
7.5
34
4
700
0.5
10
5
605
MZP4738A
8.2
31
4.5
700
0.5
10
6
550
MZP4739A
9.1
28
5
700
0.5
10
7
500
MZP4740A
10
25
7
700
0.25
10
7.6
454
MZP4741A
11
23
8
700
0.25
5
8.4
414
MZP4742A
12
21
9
700
0.25
5
9.1
380
MZP4743A
13
19
10
700
0.25
5
9.9
344
MZP4744A
15
17
14
700
0.25
5
11.4
304
MZP4745A
16
15.5
16
700
0.25
5
12.2
285
MZP4746A
18
14
20
750
0.25
5
13.7
250
MZP4747A
20
12.5
22
750
0.25
5
15.2
225
MZP4748A
22
11.5
23
750
0.25
5
16.7
205
MZP4749A
24
10.5
25
750
0.25
5
18.2
190
MZP4750A
27
9.5
35
750
0.25
5
20.6
170
MZP4751A
30
8.5
40
1000
0.25
5
22.8
150
MZP4752A
33
7.5
45
1000
0.25
5
25.1
135
MZP4753A
36
7
50
1000
0.25
5
27.4
125
MZP4754A
39
6.5
60
1000
0.25
5
29.7
115
MZP4755A
43
6
70
1500
0.25
5
32.7
110
MZP4756A
47
5.5
80
1500
0.25
5
35.8
95
MZP4757A
51
5
95
1500
0.25
5
38.8
90
MZP4758A
56
4.5
110
2000
0.25
5
42.6
80
MZP4759A
62
4
125
2000
0.25
5
47.1
70
MZP4760A
68
3.7
150
2000
0.25
5
51.7
65
MZP4761A
75
3.3
175
2000
0.25
5
56
60
MZP4762A
82
3
200
3000
0.25
5
62.2
55
MZP4763A
91
2.8
250
3000
0.25
5
69.2
50
MZP4764A
100
2.5
350
3000
0.25
5
76
45
1M110ZS5
110
2.3
450
4000
0.25
5
83.6
1M120ZS5
120
2
550
4500
0.25
5
91.2
1M130ZS5
130
1.9
700
5000
0.25
5
98.8
1M150ZS5
150
1.7
1000
6000
0.25
5
114
1M160ZS5
160
1.6
1100
6500
0.25
5
121.6
1M180ZS5
180
1.4
1200
7000
0.25
5
136.8
1M200ZS5
200
1.2
1500
8000
0.25
5
152
The type numbers listed have a standard tolerance on the nominal zener voltage of
±5%. The
tolerance on the 1M type numbers is indicated by the digits following ZS in the part number.
“5” indicates a
±5% VZ tolerance.
NOTE 1. TOLERANCE AND TYPE NUMBER DESIGNATION
NOTE 4. SURGE CURRENT (ir) NON-REPETITIVE
NOTE 2. ZENER VOLTAGE (VZ) MEASUREMENT
Motorola guarantees the zener voltage when measured at 90 seconds while maintaining the
lead temperature (TL) at 30°C ±1°C, 3/8″ from the diode body.
NOTE 3. ZENER IMPEDANCE (ZZ) DERIVATION
The zener impedance is derived from the 60 cycle ac voltage, which results when an ac
The rating listed in the electrical characteristics table is maximum peak, non-repetitive,
reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second
duration superimposed on the test current, IZT, however, actual device capability is as
described in Figure 3 of General Data — Surmetic 30.
NOTE 5. SPECIAL SELECTIONS AVAILABLE INCLUDE:
Nominal zener voltages between those shown. Tight voltage tolerances such as
±1% and
±2%. Consult factory.
current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed
on IZT or IZK.


Número de pieza similar - 1N5913B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
1N5913B JGD-1N5913B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Microsemi Corporation
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
53Kb / 1P
   ZENER DIODES
More results

Descripción similar - 1N5913B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N5333B MOTOROLA-1N5333B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5333A NJSEMI-1N5333A Datasheet
204Kb / 1P
   5-WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Micro Commercial Compon...
DL4728 MCC-DL4728 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
DL4728A-TP MCC-DL4728A-TP Datasheet
256Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4742A-TP MCC-SMAJ4742A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728A MCC-DL4728A Datasheet
263Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4744A-TP MCC-SMAJ4744A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728 MCC-DL4728_08 Datasheet
260Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4728A MCC-SMAJ4728A_18 Datasheet
559Kb / 5P
   1 Watt Zener Diode 3.3 to 4.7 Volts
SMAJ4728A MCC-SMAJ4728A Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com