Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC10-12S05 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

No. de pieza FDC10-12S05
Descripción Electrónicos  10 WATTS OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  P-DUKE [Power Mate Technology Co., LTD]
Página de inicio  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FDC10-12S05 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FDC10-12S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC10-12S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD FDC10-12S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 Issued Date:2008/05/21
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min.
load
Full load
Output
(4)
Ripple & Noise
No load
(3)
Full load
(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
FDC10-12S33
9 – 18 VDC
3.3 VDC
0mA
2000mA
50mVp-p
17mA
724mA
80
6800μF
FDC10-12S05
9 – 18 VDC
5 VDC
0mA
2000mA
50mVp-p
21mA
1082mA
81
4700μF
FDC10-12S12
9 – 18 VDC
12 VDC
0mA
830mA
50mVp-p
38mA
1037mA
84
690μF
FDC10-12S15
9 – 18 VDC
15 VDC
0mA
670mA
50mVp-p
36mA
1046mA
84
470μF
FDC10-12D05
9 – 18 VDC
± 5 VDC
0mA
± 1000mA
75mVp-p
39mA
1042mA
84
± 680μF
FDC10-12D12
9 – 18 VDC
± 12 VDC
0mA
± 416mA
75mVp-p
47mA
1053mA
83
± 330μF
FDC10-12D15
9 – 18 VDC
± 15 VDC
0mA
± 333mA
75mVp-p
45mA
1041mA
84
± 110μF
FDC10-24S33 (W)
18 – 36 (9 – 36) VDC
3.3 VDC
0mA
2000(2500mA)
50mVp-p
15(13mA)
362(465mA)
80(78)
6800μF
FDC10-24S05 (W)
18 – 36 (9 – 36) VDC
5 VDC
0mA
2000mA
50mVp-p
22(11mA)
534 (548mA)
82 (80)
4700μF
FDC10-24S12 (W)
18 – 36 (9 – 36) VDC
12 VDC
0mA
830mA
50mVp-p
18(16mA)
519 (519mA)
84 (84)
690μF
FDC10-24S15 (W)
18 – 36 (9 – 36) VDC
15 VDC
0mA
670mA
50mVp-p
36(26mA)
523 (544mA)
84 (81)
470μF
FDC10-24D05 (W) 18 – 36 (9 – 36) VDC
± 5 VDC
0mA
± 1000mA
75mVp-p
28(15mA)
527 (534mA)
83 (82)
± 680μF
FDC10-24D12 (W) 18 – 36 (9 – 36) VDC
± 12 VDC
0mA
± 416mA
75mVp-p
24(15mA)
513 (547mA)
85 (80)
± 330μF
FDC10-24D15 (W) 18 – 36 (9 – 36) VDC
± 15 VDC
0mA
± 333mA
75mVp-p
31(22mA)
520 (548mA)
84 (80)
± 110μF
FDC10-48S33 (W) 36 – 75 (18 – 75) VDC
3.3 VDC
0mA
2000(2500mA)
50mVp-p
11(10mA)
181(239mA)
80(76)
6800μF
FDC10-48S05 (W) 36 – 75 (18 – 75) VDC
5 VDC
0mA
2000mA
50mVp-p
14(9mA)
260 (270mA)
84 (81)
4700μF
FDC10-48S12 (W) 36 – 75 (18 – 75) VDC
12 VDC
0mA
830mA
50mVp-p
14(9mA)
253 (259mA)
86 (84)
690μF
FDC10-48S15 (W) 36 – 75 (18 – 75) VDC
15 VDC
0mA
670mA
50mVp-p
10(11mA)
252 (262mA)
87 (84)
470μF
FDC10-48D05 (W) 36 – 75 (18 – 75) VDC
± 5 VDC
0mA
± 1000mA
75mVp-p
16(12mA)
260 (267mA)
84 (82)
± 680μF
FDC10-48D12 (W) 36 – 75 (18 – 75) VDC ± 12 VDC
0mA
± 416mA
75mVp-p
19(20mA)
254 (281mA)
86 (78)
± 330μF
FDC10-48D15 (W) 36 – 75 (18 – 75) VDC ± 15 VDC
0mA
± 333mA
75mVp-p
16(20mA)
256 (270mA)
85 (81)
± 110μF
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
Maximum value at nominal input voltage and full load of standard type.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
The ON/OFF control pin voltage is referenced to -Vin.
To order positive logic ON/OFF control add the suffix-P (Ex: FDC10-12S05-P); To order negative logic ON-OFF control add the suffix-N (Ex: FDC10-12S05-N)
7.
M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard and M2 version.
8.
Heat sink is optional and P/N: 7G-0020C-F.
9.
The FDC10 series can meet EN55022 Class A with parallel an external capacitor to the input pins.
Recommend: 12Vin : 4.7μF/25V 1210 MLCC .
24Vin : 2.2μF/50V 1812 MLCC .
48Vin : 1.5μF/100V 1812 MLCC .
10. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Power Mate suggest: Nippon chemi-con
KY series, 220μF/100V, ESR 48mΩ.


Número de pieza similar - FDC10-12S05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FDC10-12S05 ETC1-FDC10-12S05 Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
logo
Astrodyne Corporation
FDC10-12S05 ASTRODYNE-FDC10-12S05 Datasheet
369Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC10-12S05 P-DUKE-FDC10-12S05 Datasheet
425Kb / 3P
   10 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC10-12S05 ASTRODYNE-FDC10-12S05 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
More results

Descripción similar - FDC10-12S05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wall Industries,Inc.
JRW WALL-JRW_16 Datasheet
423Kb / 5P
   10 Watts Maximum Output Power
logo
List of Unclassifed Man...
AA10B ETC-AA10B Datasheet
52Kb / 2P
   10 Watts(NEW 3.3V Output)
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
logo
Qualtek Electronics Cor...
QFWB-10 QUALTEK-QFWB-10 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
logo
RSG Electronic Componen...
FKC08 RSG-FKC08 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FKC12-12S2P5 P-DUKE-FKC12-12S2P5 Datasheet
273Kb / 3P
   12 WATTS OUTPUT POWER
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com