Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ACT8994 Datasheet(PDF) 8 Page - Texas Instruments |
|
SN74ACT8994 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 11 page SN74ACT8994 DIGITAL BUS MONITOR IEEE STD 1149.1 (JTAG) SCAN-CONTROLLED LOGIC/SIGNATURE ANALYZER SCAS196E – JULY 1990 – REVISED DECEMBER 1996 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VCC =4 5V IOH = – 3 mA EQO VCC = 4.5 V IOH = – 4 mA 3.7 EQO VCC =5 5V IOH = – 3 mA VOH VCC = 5.5 V IOH = – 4 mA 4.7 V VOH VCC =4 5V IOH = –11 mA V PIO TDO VCC = 4.5 V IOH = –16 mA 3.7 PIO, TDO VCC =5 5V IOH = –11 mA VCC = 5.5 V IOH = –16 mA 4.7 EQO VCC =4 5Vto5 5V IOL = 3 mA VOL EQO VCC = 4.5 V to 5.5 V IOL = 4 mA 0.5 V VOL PIO TDO VCC =4 5Vto5 5V IOL = 11 mA V PIO, TDO VCC = 4.5 V to 5.5 V IOL = 16 mA 0.5 CLK, D, EQI, TCK VCC = 5.5 V, VI = VCC or GND ±1 II TDI, TMS VCC = 5.5 V, VI = VCC ±1 µA TDI, TMS VCC = 5.5 V, VI = GND – 0.1 –20 IOZ‡ PIO, TDO VCC = 5.5 V, VO = VCC or GND ±5 µA ICC RAM disabled VCC = 5.5 V, VI = VCC or GND, IO = 0 200 µA ICC RAM enabled VCC = 5.5 V, VI = VCC or GND, IO = 0 200 mA ∆ICC VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 1 mA Ci VI = VCC or GND 4* pF Cio VO = VCC or GND 7* pF Co VO = VCC or GND 6* pF * On products compliant to MIL-PRF-38535, this parameter does not apply. † Typical values are at VCC = 5 V, TA = 25_C. ‡ For I/O pins, the parameter IOZ includes the input-leakage current. timing requirements over recommended ranges of supply voltage and operating free-air temperature (see Figure1) MIN MAX UNIT Any CLK (except during PSARAM instruction)§ 0 50 fclock Clock frequency TCK (except during PSARAM instruction)§ 0 50 MHz Any CLK or TCK (during PSARAM instruction)§ 0 17 tw Pulse duration Any CLK or TCK high or low 7 ns TDI before TCK ↑ 2 TMS before TCK ↑ 4 tsu Setup time Any D before any CLK or TCK 5 ns EQI before any CLK or TCK 4 PIO before any CLK or TCK 1 TDI after TCK ↑ 5 TMS after TCK ↑ 3 th Hold time Any D after any CLK or TCK 3 ns EQI after any CLK or TCK 2 PIO after any CLK or TCK 5 td Delay time Power up to TCK ↑ 100 ns § The PSARAM instruction performs a parallel-signature analysis on the contents of RAM. This instruction is provided to allow self-test of the RAM. |
Número de pieza similar - SN74ACT8994 |
|
Descripción similar - SN74ACT8994 |