Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N2369 Datasheet(PDF) 4 Page - Motorola, Inc

No. de pieza 2N2369
Descripción Electrónicos  Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N2369 Datasheet(HTML) 4 Page - Motorola, Inc

  2N2369 Datasheet HTML 1Page - Motorola, Inc 2N2369 Datasheet HTML 2Page - Motorola, Inc 2N2369 Datasheet HTML 3Page - Motorola, Inc 2N2369 Datasheet HTML 4Page - Motorola, Inc 2N2369 Datasheet HTML 5Page - Motorola, Inc 2N2369 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N2369 2N2369A
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
25
°C
100
°C
QT, βF = 10
500
1
IC, COLLECTOR CURRENT (mA)
Figure 8. Maximum Charge Data
10
20
50
100
200
2
5
10
20
50
100
VCC = 10 V
QT, βF = 40
QA, VCC = 10 V
QA, VCC = 3 V
+5 V
0
t1
< 1 ns
PULSE WIDTH (t1) = 5 µs
DUTY CYCLE = 2%
3 V
270
4.3 k
Cs* < 4 pF
∆V
10 pF MAX
VALUES REFER TO
IC = 10 mA TEST
Figure 9. QT Test Circuit
+6 V
–4 V
0
t1
< 1 ns
PULSE WIDTH (t1) = 300 ns
DUTY CYCLE = 2%
10 V
980
500
Cs* < 3 pF
C
COPT
TIME
C < COPT
C = 0
Figure 10. Turn–Off Waveform
Figure 11. Storage Time Equivalent Test Circuit
1.0
0.8
0.6
0.4
0.2
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
IC = 3 mA
IC = 10 mA
IC = 30 mA
IC = 50 mA
IC = 100 mA
TJ = 25°C
IB, BASE CURRENT (mA)
Figure 12. Maximum Collector Saturation Voltage Characteristics


Número de pieza similar - 2N2369

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
2N2369 PHILIPS-2N2369 Datasheet
52Kb / 8P
   NPN switching transistor
1997 Jun 20
logo
STMicroelectronics
2N2369 STMICROELECTRONICS-2N2369 Datasheet
44Kb / 4P
   HIGH-FREQUENCY SATURATED SWITCH
January 1989
logo
Boca Semiconductor Corp...
2N2369 BOCA-2N2369 Datasheet
44Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Seme LAB
2N2369 SEME-LAB-2N2369 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
logo
Continental Device Indi...
2N2369 CDIL-2N2369 Datasheet
219Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Descripción similar - 2N2369

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MPS3638 MOTOROLA-MPS3638 Datasheet
321Kb / 8P
   Switching Transistors
logo
New Jersey Semi-Conduct...
2N3996 NJSEMI-2N3996 Datasheet
87Kb / 1P
   SWITCHING TRANSISTORS
logo
WILLAS ELECTRONIC CORP
MMBT2369(A)LT1 WILLAS-MMBT2369(A)LT1 Datasheet
386Kb / 6P
   Switching Transistors
logo
Motorola, Inc
MPS2369 MOTOROLA-MPS2369 Datasheet
97Kb / 4P
   Switching Transistors
logo
ON Semiconductor
MMBT2369LT1G ONSEMI-MMBT2369LT1G_09 Datasheet
195Kb / 6P
   Switching Transistors
September, 2009 ??Rev. 7
logo
Guangdong Kexin Industr...
FMMT3903 KEXIN-FMMT3903 Datasheet
37Kb / 2P
   Switching Transistors
logo
Leshan Radio Company
LMBT2369LT1G LRC-LMBT2369LT1G Datasheet
292Kb / 6P
   Switching Transistors
logo
Motorola, Inc
MMBT2369LT1 MOTOROLA-MMBT2369LT1 Datasheet
304Kb / 8P
   Switching Transistors
logo
Comset Semiconductor
BSX62 COMSET-BSX62 Datasheet
78Kb / 3P
   SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
FMMT4126 KEXIN-FMMT4126 Datasheet
37Kb / 2P
   Switching Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com