Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALB16245DGG Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza SN74ALB16245DGG
Descripción Electrónicos  3.3-V ALB 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ALB16245DGG Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALB16245DGG Datasheet HTML 1Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 2Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 3Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 4Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 5Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 6Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN74ALB16245
3.3-V ALB 16-BIT TRANSCEIVER
WITH 3-STATE OUTPUTS
SCBS678B – SEPTEMBER 1996 – REVISED JULY 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 3)
PARAMETER
FROM
TO
VCC = 3.3 V ± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP†
MAX
UNIT
tpd
A or B
B or A
0.6
1.3
2
ns
ten
OE
A or B
1.5
3.2
6
ns
tdis
OE
A or B
1.8
2.8
4.2
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.


Número de pieza similar - SN74ALB16245DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALB16245DGGR TI-SN74ALB16245DGGR Datasheet
363Kb / 13P
[Old version datasheet]   3.3-V ALB 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ALB16245DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALB16245 TI-SN74ALB16245_08 Datasheet
363Kb / 13P
[Old version datasheet]   3.3-V ALB 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH182512-EP TI1-SN74LVTH182512-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16952-EP TI1-SN74LVTH16952-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16646-EP TI1-SN74LVTH16646-EP Datasheet
334Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH162245-EP TI1-SN74LVTH162245-EP Datasheet
348Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16245A-Q1 TI1-SN74LVTH16245A-Q1 Datasheet
158Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16245A-EP TI1-SN74LVTH16245A-EP Datasheet
644Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16543-EP TI1-SN74LVTH16543-EP Datasheet
304Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com