Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALB16245DGG Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SN74ALB16245DGG
Descripción Electrónicos  3.3-V ALB 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ALB16245DGG Datasheet(HTML) 6 Page - Texas Instruments

  SN74ALB16245DGG Datasheet HTML 1Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 2Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 3Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 4Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 5Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 6Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SN74ALB16245
3.3-V ALB 16-BIT TRANSCEIVER
WITH 3-STATE OUTPUTS
SCBS678B – SEPTEMBER 1996 – REVISED JULY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
Open
GND
500
500
tPLH
tPHL
Output Control
(low-level enabling)
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
3 V
0 V
VOH
VOL
0 V
VOL + 0.3 V
VOH – 0.3 V
0 V
3 V
0 V
0 V
tw
Input
3 V
3 V
3 V
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Output
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
6 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
v10 MHz, ZO = 50 Ω, trv2.5 ns, tfv2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
6 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
0 V
3 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 3. Load Circuit and Voltage Waveforms


Número de pieza similar - SN74ALB16245DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALB16245DGGR TI-SN74ALB16245DGGR Datasheet
363Kb / 13P
[Old version datasheet]   3.3-V ALB 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ALB16245DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALB16245 TI-SN74ALB16245_08 Datasheet
363Kb / 13P
[Old version datasheet]   3.3-V ALB 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH182512-EP TI1-SN74LVTH182512-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16952-EP TI1-SN74LVTH16952-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16646-EP TI1-SN74LVTH16646-EP Datasheet
334Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH162245-EP TI1-SN74LVTH162245-EP Datasheet
348Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16245A-Q1 TI1-SN74LVTH16245A-Q1 Datasheet
158Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16245A-EP TI1-SN74LVTH16245A-EP Datasheet
644Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16543-EP TI1-SN74LVTH16543-EP Datasheet
304Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com