Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5347B Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza 1N5347B
Descripción Electrónicos  5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5347B Datasheet(HTML) 3 Page - Motorola, Inc

  1N5347B Datasheet HTML 1Page - Motorola, Inc 1N5347B Datasheet HTML 2Page - Motorola, Inc 1N5347B Datasheet HTML 3Page - Motorola, Inc 1N5347B Datasheet HTML 4Page - Motorola, Inc 1N5347B Datasheet HTML 5Page - Motorola, Inc 1N5347B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1N5333B through 1N5388B
Motorola TVS/Zener Device Data
6-3
5 Watt Surmetic 40 Data Sheet
Devices listed in bold, italic are Motorola preferred devices.
ELECTRICAL CHARACTERISTICS — continued (TA = 25°C unless otherwise noted, VF = 1.2 Max @ IF = 1 A for all types)
JEDEC
Type No.
(Note 1)
Nominal
Zener
Voltage
VZ @ IZT
Volts
(Note 2)
Test
Current
IZT
mA
Max Zener Impedance
Max Reverse
Leakage Current
Max
Surge
Current
ir, Amps
(Note 3)
Max Voltage
Regulation
∆VZ, Volt
(Note 4)
Maximum
Regulator
Current
IZM
mA
(Note 5)
JEDEC
Type No.
(Note 1)
Voltage
VZ @ IZT
Volts
(Note 2)
Test
Current
IZT
mA
ZZT @IZT
Ohms
(Note 2)
ZZK @ IZK = 1 mA
Ohms
(Note 2)
IR
µA
VR
Volts
@
Surge
Current
ir, Amps
(Note 3)
Max Voltage
Regulation
∆VZ, Volt
(Note 4)
Current
IZM
mA
(Note 5)
1N5383B
150
8
330
1500
0.5
114
1.1
3
31.6
1N5384B
160
8
350
1650
0.5
122
1.1
3
29.4
1N5385B
170
8
380
1750
0.5
129
1
3
28
1N5386B
180
5
430
1750
0.5
137
1
4
26.4
1N5387B
190
5
450
1850
0.5
144
0.9
5
25
1N5388B
200
5
480
1850
0.5
152
0.9
5
23.6
NOTE 1. TOLERANCE AND TYPE NUMBER DESIGNATION
The JEDEC type numbers shown indicate a tolerance of
±5%.
NOTE 2. ZENER VOLTAGE (VZ) AND IMPEDANCE (ZZT & ZZK)
Test conditions for zener voltage and impedance are as follows: IZ is applied 40 ± 10 ms prior
to reading. Mounting contacts are located 3/8
″ to 1/2″ from the inside edge of mounting clips
to the body of the diode. (TA = 25°C +8, –2°C).
NOTE 3. SURGE CURRENT (ir)
Surge current is specified as the maximum allowable peak, non-recurrent square-wave cur-
rent with a pulse width, PW, of 8.3 ms. The data given in Figure 6 may be used to find the
maximum surge current for a square wave of any pulse width between 1ms and 1000 ms by
plotting the applicable points on logarithmic paper. Examples of this, using the 3.3 V and
200 V zeners, are shown in Figure 7. Mounting contact located as specified in Note 3. (TA =
25
°C +8, –2°C.)
NOTE 4. VOLTAGE REGULATION (
∆VZ)
Test conditions for voltage regulation are as follows: VZ measurements are made at 10% and
then at 50% of the IZ max value listed in the electrical characteristics table. The test current
time duration for each VZ measurement is 40 ± 10 ms. (TA = 25°C +8, –2°C). Mounting contact
located as specified in Note 2.
NOTE 5. MAXIMUM REGULATOR CURRENT (IZM)
The maximum current shown is based on the maximum voltage of a 5% type unit, therefore,
it applies only to the B-suffix device. The actual IZM for any device may not exceed the value
of 5 watts divided by the actual VZ of the device. TL = 75°C at 3/8″ maximum from the device
body.
NOTE 6. SPECIALS AVAILABLE INCLUDE:
Nominal zener voltages between the voltages shown and tighter voltage tolerance such as
±1% and ±2%. Consult factory.
TEMPERATURE COEFFICIENTS
Figure 2. Temperature Coefficient-Range
for Units 3 to 10 Volts
Figure 3. Temperature Coefficient-Range
for Units 10 to 220 Volts
VZ, ZENER VOLTAGE @ IZT (VOLTS)
10
8
6
4
2
0
–2
3
4
5
6
7
8
9
10
RANGE
300
200
100
50
30
20
10
5
0
20
40
60
80
100 120
140
160 180
200 220
VZ, ZENER VOLTAGE @ IZT (VOLTS)
RANGE


Número de pieza similar - 1N5347B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
1N5347B BOCA-1N5347B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Digitron Semiconductors
1N5347B DIGITRON-1N5347B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
logo
First Components Intern...
1N5347B FCI-1N5347B Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Yangzhou yangjie electr...
1N5347B YANGJIE-1N5347B Datasheet
447Kb / 5P
   Zener Diodes
logo
Frontier Electronics.
1N5347B FRONTIER-1N5347B Datasheet
138Kb / 4P
   5 WATT SILICON ZENER DIODE
More results

Descripción similar - 1N5347B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
1N5333A NJSEMI-1N5333A Datasheet
204Kb / 1P
   5-WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Solid States Devices, I...
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
SZN4460 SSDI-SZN4460 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
logo
Motorola, Inc
1N5913B MOTOROLA-1N5913B Datasheet
156Kb / 10P
   1 TO 3 WATT ZENER REGULATOR DIODES 3.3-400 VOLTS
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Micro Commercial Compon...
1N5348BE MCC-1N5348BE Datasheet
637Kb / 6P
   5 Watt Zener Diode 11 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com