Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALS621A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74ALS621A
Descripción Electrónicos  OCTAL BUS TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS621A Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALS621A Datasheet HTML 1Page - Texas Instruments SN74ALS621A Datasheet HTML 2Page - Texas Instruments SN74ALS621A Datasheet HTML 3Page - Texas Instruments SN74ALS621A Datasheet HTML 4Page - Texas Instruments SN74ALS621A Datasheet HTML 5Page - Texas Instruments SN74ALS621A Datasheet HTML 6Page - Texas Instruments SN74ALS621A Datasheet HTML 7Page - Texas Instruments SN74ALS621A Datasheet HTML 8Page - Texas Instruments SN74ALS621A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN74ALS620A, SN74ALS621A, SN74ALS623A, SN74AS623
OCTAL BUS TRANSCEIVERS
SDAS226A – DECEMBER 1982 – REVISED JANUARY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagrams (positive logic)
A1
B1
To Seven Other Transceivers
OEBA
OEAB
19
1
18
2
SN74ALS620A
SN74ALS621A
SN74ALS623A, SN74AS623
A1
B1
OEBA
OEAB
19
1
18
2
To Seven Other Transceivers
A1
B1
To Seven Other Transceivers
OEBA
OEAB
19
1
18
2
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI: All inputs
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O ports
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN74ALS620A, SN74ALS623A
0
°C to 70°C
. . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Número de pieza similar - SN74ALS621A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS621A TI1-SN74ALS621A Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS621A-1 TI1-SN74ALS621A-1 Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS621A-1N TI1-SN74ALS621A-1N Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS621ADW TI-SN74ALS621ADW Datasheet
477Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER
SN74ALS621ADW TI1-SN74ALS621ADW Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results

Descripción similar - SN74ALS621A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com