Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T-11-2500-P-M Datasheet(PDF) 1 Page - Source Photonics, Inc.

No. de pieza T-11-2500-P-M
Descripción Electrónicos  2.5Gbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOURCE [Source Photonics, Inc.]
Página de inicio  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

T-11-2500-P-M Datasheet(HTML) 1 Page - Source Photonics, Inc.

  T-11-2500-P-M Datasheet HTML 1Page - Source Photonics, Inc. T-11-2500-P-M Datasheet HTML 2Page - Source Photonics, Inc. T-11-2500-P-M Datasheet HTML 3Page - Source Photonics, Inc. T-11-2500-P-M Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
2.5Gbps PIN-TIA Receiver Modules-
Receptacle & Pigtailed (5V)
T-11-2500-R/P-XXX
Parameter
Symbol
Min
Typical
Max
Unit
Test Condition
Detection Range
1100
1310
1650
nm
-
Gain @ 10Mbps Differential
G
1.5
2.3
3.2
V/mW
Measure differentially
AC coupled R
L=50Ω
Bandwidth ( to -3dB point)
BW
1500
2000
-
MHz
-
Saturation Power
Psat
-3
0
-
dBm
BER=10-10 @2.5Gbps,
PRBS23
Sensitivity
Sens
-
-21
-18
dBm
BER=10-10 @2.5Gbps,
PRBS23
Output Resistance
Rout
48
50
52
ohm
-
AC/Optical and Electrical Characteristics( Tc=25ºC )
Features
• InGaAs/InP PIN Photodiode with transimpedance amplifier
• High sensitivity with AGC*
• Differential ended output
• Single+5V operation
• -40 to 85ºC operating temperature
• FC/ST/SC receptacle package
• SM/MM fiber pigtailed package with optional FC/ST/SC
connector
• 2.5Gbps SDH/SONET/ATM receivers application
Parameter
Symbol
Value
Unit
Supply Voltage
V
CC
6
V
Operating Temperature
T
opr
-40 to +85
ºC
Storage Temperature
T
stg
-40 to +85
ºC
Absolute Maximum Rating (Tc=25ºC )
Model
Package
Fiber
Connector
T-11-2500-R-SFC
T-11-2500-R-SST
T-11-2500-R-SSC
Receptacle
-
FC
ST
SC
T-11-2500-P-S(M)FC
T-11-2500-P-S(M)ST
T-11-2500-P-S(M)SC
T-11-2500-P-S(M)
Pigtailed
SM (MM)
FC
ST
SC
-
Connector Options
(Operating at V
cc=5V, Tc=25ºC, λ=1310nm, 9/125µm SM fiber)
Parameter
Symbol
Min
Typical
Max
Unit
Power Supply
V
CC
4.5
5
5.5
V
Differential Output Voltage
Vd
0.22
0.38
0.57
V
Supply Current (no load)
I
CC
-
34
63
mA
DC Electrical Characteristics( Tc=25ºC )


Número de pieza similar - T-11-2500-P-M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Source Photonics, Inc.
T-11-2500-P-3-SSC-APC SOURCE-T-11-2500-P-3-SSC-APC Datasheet
337Kb / 3P
   2.5Gbps PIN-TIA Receiver Modules (3.3V/5V)
More results

Descripción similar - T-11-2500-P-M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Source Photonics, Inc.
T-11-2500-R3-SFC SOURCE-T-11-2500-R3-SFC Datasheet
975Kb / 4P
   2.5Gbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (3.3V)
T-11-622-R-SFC SOURCE-T-11-622-R-SFC Datasheet
1Mb / 4P
   622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
T-11-2500-P-3-SSC-APC SOURCE-T-11-2500-P-3-SSC-APC Datasheet
337Kb / 3P
   2.5Gbps PIN-TIA Receiver Modules (3.3V/5V)
T-11-155-R3-SFC-AGC SOURCE-T-11-155-R3-SFC-AGC Datasheet
335Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
T-11-155-P-MMU-K-GR SOURCE-T-11-155-P-MMU-K-GR Datasheet
396Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 5V without AGC
T-11-1250-R3-SFC SOURCE-T-11-1250-R3-SFC Datasheet
424Kb / 4P
   PIN-TIA Receiver Modules-Receptacle & Pigtailed(3.3V)
T-11-622-R3-SFC SOURCE-T-11-622-R3-SFC Datasheet
527Kb / 4P
   622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (3.3V)
T-11-2500-P3-SSC-APC-01 SOURCE-T-11-2500-P3-SSC-APC-01 Datasheet
460Kb / 3P
   2.5Gbps PIN-TIA Receiver Modules (3.3V)
T-11-2500A-P3-SFC-APC SOURCE-T-11-2500A-P3-SFC-APC Datasheet
380Kb / 3P
   2.5Gbps PIN-TIA Receiver Modules (3.3V)
T-11-1250-P-SFC SOURCE-T-11-1250-P-SFC Datasheet
613Kb / 4P
   PIN-TIA Receiver Modules (5V)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com