Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

C-129-1250C-TDFB-SSC2 Datasheet(PDF) 4 Page - Source Photonics, Inc.

No. de pieza C-129-1250C-TDFB-SSC2
Descripción Electrónicos  1.25 Gbps CWDM Single Mode Transceiver(5V)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOURCE [Source Photonics, Inc.]
Página de inicio  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-129-1250C-TDFB-SSC2 Datasheet(HTML) 4 Page - Source Photonics, Inc.

  C-129-1250C-TDFB-SSC2 Datasheet HTML 1Page - Source Photonics, Inc. C-129-1250C-TDFB-SSC2 Datasheet HTML 2Page - Source Photonics, Inc. C-129-1250C-TDFB-SSC2 Datasheet HTML 3Page - Source Photonics, Inc. C-129-1250C-TDFB-SSC2 Datasheet HTML 4Page - Source Photonics, Inc. C-129-1250C-TDFB-SSC2 Datasheet HTML 5Page - Source Photonics, Inc. C-129-1250C-TDFB-SSC2 Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
1.25 Gbps CWDM Single Mode Transceiver
(5V)
C-1xx-1250(C)-TDFB-SSC2
Recommended Circuit Schematic
The split-loaded terminations for ECL signals need to be located at the input of devices receiving those ECL signals.
The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc.
A GND plane under the module is required for good EMI and sensitivity performance.


Número de pieza similar - C-129-1250C-TDFB-SSC2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Source Photonics, Inc.
C-129-1250C-TDFB3-SSC2 SOURCE-C-129-1250C-TDFB3-SSC2 Datasheet
857Kb / 6P
   1.25 Gbps CWDM Single Mode Transceiver(3.3V)
More results

Descripción similar - C-129-1250C-TDFB-SSC2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
TRS-72120-CXX0G OPTOWAY-TRS-72120-CXX0G Datasheet
78Kb / 4P
   CWDM 5V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7280-CXX0G OPTOWAY-TRS-7280-CXX0G Datasheet
106Kb / 5P
   CWDM 5V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7250-CXX0G OPTOWAY-TRS-7250-CXX0G Datasheet
106Kb / 5P
   CWDM 5V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7285-CXX0G OPTOWAY-TRS-7285-CXX0G Datasheet
106Kb / 5P
   CWDM 5V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
logo
Source Photonics, Inc.
C-127-1250-TDFB3-SSC2 SOURCE-C-127-1250-TDFB3-SSC2 Datasheet
857Kb / 6P
   1.25 Gbps CWDM Single Mode Transceiver(3.3V)
logo
Optoway Technology Inc
SPS-73120-CXX0G OPTOWAY-SPS-73120-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73160-CXX0G OPTOWAY-SPS-73160-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73200-CXX0G OPTOWAY-SPS-73200-CXX0G Datasheet
149Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-7385-CXX0G OPTOWAY-SPS-7385-CXX0G_08 Datasheet
153Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73180-CXX0G OPTOWAY-SPS-73180-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com