Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALVC7814DL Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza SN74ALVC7814DL
Descripción Electrónicos  64 횞 18 LOW-POWER FIRST-IN, FIRST-OUT MEMORY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC7814DL Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ALVC7814DL Datasheet HTML 3Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 4Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 5Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 6Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 7Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 8Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 9Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 10Page - Texas Instruments SN74ALVC7814DL Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SN74ALVC7814
64
× 18
LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SCAS592A – OCTOBER 1997 – REVISED APRIL 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
6 V
VOH
VOL
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT FOR OUTPUTS
S1
6 V
Open
GND
500
500
tPLH
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
VOH
VOL
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
0 V
1.5 V
3 V
0 V
1.5 V
1.5 V
0 V
3 V
0 V
1.5 V
1.5 V
tw
Input
(see Note C)
3 V
3 V
3 V
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Output
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
ten
GND
PARAMETER
S1
tPZH
tPZL
GND
tPHZ
6 V
tPLZ
Open
tdis
tpd
tPLH/tPHL
Figure 3. Standard CMOS Outputs (FULL, EMPTY, HF, AF/AE)


Número de pieza similar - SN74ALVC7814DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVC7814 TI-SN74ALVC7814 Datasheet
185Kb / 13P
[Old version datasheet]   LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814-25DL TI-SN74ALVC7814-25DL Datasheet
185Kb / 13P
[Old version datasheet]   LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814-25DLR TI-SN74ALVC7814-25DLR Datasheet
185Kb / 13P
[Old version datasheet]   LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814-40DL TI-SN74ALVC7814-40DL Datasheet
185Kb / 13P
[Old version datasheet]   LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814-40DLR TI-SN74ALVC7814-40DLR Datasheet
185Kb / 13P
[Old version datasheet]   LOW-POWER FIRST-IN, FIRST-OUT MEMORY
More results

Descripción similar - SN74ALVC7814DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVC7813 TI-SN74ALVC7813 Datasheet
192Kb / 14P
[Old version datasheet]   64 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
[Old version datasheet]   64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7806 TI-SN74ALVC7806 Datasheet
138Kb / 10P
[Old version datasheet]   256 횞 18 LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
150Kb / 11P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804 TI-SN74ALVC7804_07 Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806_06 Datasheet
174Kb / 12P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com