Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALVCH16721DL Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74ALVCH16721DL
Descripción Electrónicos  3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH16721DL Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALVCH16721DL Datasheet HTML 1Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 2Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 3Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 4Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 5Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 6Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 7Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 8Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN74ALVCH16721
3.3-V 20-BIT FLIP-FLOP
WITH 3-STATE OUTPUTS
SCES052D – JULY 1995 – REVISED FEBRUARY 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = –100 µA
1.65 V to 3.6 V
VCC–0.2
IOH = –4 mA
1.65 V
1.2
IOH = –6 mA
2.3 V
2
VOH
2.3 V
1.7
V
IOH = –12 mA
2.7 V
2.2
3 V
2.4
IOH = –24 mA
3 V
2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
VOL
IOL = 6 mA
2.3 V
0.4
V
VOL
IOL =12mA
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.58 V
1.65 V
25
VI = 1.07 V
1.65 V
–25
VI = 0.7 V
2.3 V
45
II(hold)
VI = 1.7 V
2.3 V
–45
µA
()
VI = 0.8 V
3 V
75
VI = 2 V
3 V
–75
VI = 0 to 3.6 V‡
3.6 V
±500
IOZ
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
∆ICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
Control inputs
VI =VCC or GND
33 V
3.5
pF
Ci
Data inputs
VI = VCC or GND
3.3 V
6
pF
Co
Outputs
VO = VCC or GND
3.3 V
7
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figures 1 through 3)
VCC = 1.8 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
§
150
150
150
MHz
tw
Pulse duration, CLK high or low
§
3.3
3.3
3.3
ns
t
Setup time
Data before CLK
§
4
3.6
3.1
ns
tsu
Setup time
CLKEN before CLK
§
3.4
3.1
2.7
ns
th
Hold time
Data after CLK
§
0
0
0
ns
th
Hold time
CLKEN after CLK
§
0
0
0
ns
§ This information was not available at the time of publication.


Número de pieza similar - SN74ALVCH16721DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVCH16721DL TI1-SN74ALVCH16721DL Datasheet
371Kb / 16P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16721DLR TI1-SN74ALVCH16721DLR Datasheet
371Kb / 16P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ALVCH16721DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVCH162721 TI1-SN74ALVCH162721_08 Datasheet
345Kb / 14P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH162721 TI-SN74ALVCH162721 Datasheet
125Kb / 9P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVC16721 TI1-SN74ALVC16721 Datasheet
137Kb / 8P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16721 TI1-SN74ALVCH16721_08 Datasheet
371Kb / 16P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16821 TI-SN74ALVCH16821 Datasheet
134Kb / 10P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVC16821 TI1-SN74ALVC16821 Datasheet
192Kb / 11P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16821 TI-SN74ALVCH16821_08 Datasheet
312Kb / 12P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162721 HITACHI-HD74ALVCH162721 Datasheet
52Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16721 RENESAS-HD74ALVCH16721 Datasheet
241Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
HD74ALVCH162721 RENESAS-HD74ALVCH162721 Datasheet
251Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com