Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5357B Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza 1N5357B
Descripción Electrónicos  5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5357B Datasheet(HTML) 1 Page - Motorola, Inc

  1N5357B Datasheet HTML 1Page - Motorola, Inc 1N5357B Datasheet HTML 2Page - Motorola, Inc 1N5357B Datasheet HTML 3Page - Motorola, Inc 1N5357B Datasheet HTML 4Page - Motorola, Inc 1N5357B Datasheet HTML 5Page - Motorola, Inc 1N5357B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
Motorola TVS/Zener Device Data
6-1
5 Watt Surmetic 40 Data Sheet
5 Watt Surmetic 40
Silicon Zener Diodes
This is a complete series of 5 Watt Zener Diodes with tight limits and better operating
characteristics that reflect the superior capabilities of silicon-oxide-passivated junctions.
All this is in an axial-lead, transfer-molded plastic package that offers protection in all com-
mon environmental conditions.
Specification Features:
Up to 180 Watt Surge Rating @ 8.3 ms
Maximum Limits Guaranteed on Seven Electrical Parameters
Mechanical Characteristics:
CASE: Void-free, transfer-molded, thermosetting plastic
FINISH: All external surfaces are corrosion resistant and leads are readily solderable
POLARITY: Cathode indicated by color band. When operated in zener mode, cathode
will be positive with respect to anode
MOUNTING POSITION: Any
WEIGHT: 0.7 gram (approx)
WAFER FAB LOCATION: Phoenix, Arizona
ASSEMBLY/TEST LOCATION: Seoul, Korea
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Power Dissipation @ TL = 75°C
Lead Length = 3/8
Derate above 75
°C
PD
5
40
Watts
mW/
°C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to +200
°C
Figure 1. Power Temperature Derating Curve
TL, LEAD TEMPERATURE (°C)
8
6
4
2
0
0
20
40
60
80
100
120
140
160
180
200
L = LEAD LENGTH
L = TO HEAT SINK
L = (SEE FIGURE 5)
L = 1/8
L = 3/8
L = 1
1N5333B
through
1N5388B
CASE 17
PLASTIC
5 WATT
ZENER REGULATOR
DIODES
3.3–200 VOLTS


Número de pieza similar - 1N5357B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
1N5357B FORMOSA-1N5357B Datasheet
948Kb / 4P
   5W Zener Diode 5.1 to 200V
logo
Pan Jit International I...
1N5357B PANJIT-1N5357B Datasheet
306Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE- 11 to 200 Volts Power - 5.0 Watts)
logo
ON Semiconductor
1N5357B ONSEMI-1N5357B Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
Shenzhen Luguang Electr...
1N5357B LUGUANG-1N5357B Datasheet
3Mb / 5P
   POWER DISSIPATION
logo
Diotec Semiconductor
1N5357B DIOTEC-1N5357B Datasheet
85Kb / 2P
   Silicon-Power-Zener Diodes (non-planar technology)
More results

Descripción similar - 1N5357B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
1N5333A NJSEMI-1N5333A Datasheet
204Kb / 1P
   5-WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Solid States Devices, I...
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
SZN4460 SSDI-SZN4460 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
logo
Motorola, Inc
1N5913B MOTOROLA-1N5913B Datasheet
156Kb / 10P
   1 TO 3 WATT ZENER REGULATOR DIODES 3.3-400 VOLTS
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Micro Commercial Compon...
1N5348BE MCC-1N5348BE Datasheet
637Kb / 6P
   5 Watt Zener Diode 11 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com