Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALVCH32374GKE Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza SN74ALVCH32374GKE
Descripción Electrónicos  32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH32374GKE Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALVCH32374GKE Datasheet HTML 1Page - Texas Instruments SN74ALVCH32374GKE Datasheet HTML 2Page - Texas Instruments SN74ALVCH32374GKE Datasheet HTML 3Page - Texas Instruments SN74ALVCH32374GKE Datasheet HTML 4Page - Texas Instruments SN74ALVCH32374GKE Datasheet HTML 5Page - Texas Instruments SN74ALVCH32374GKE Datasheet HTML 6Page - Texas Instruments SN74ALVCH32374GKE Datasheet HTML 7Page - Texas Instruments SN74ALVCH32374GKE Datasheet HTML 8Page - Texas Instruments SN74ALVCH32374GKE Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SN74ALVCH32374
32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCES283 – OCTOBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
terminal assignments
1
2
3
4
5
6
A
1Q2
1Q1
1OE
1CLK
1D1
1D2
B
1Q4
1Q3
GND
GND
1D3
1D4
C
1Q6
1Q5
VCC
VCC
1D5
1D6
D
1Q8
1Q7
GND
GND
1D7
1D8
E
2Q2
2Q1
GND
GND
2D1
2D2
F
2Q4
2Q3
VCC
VCC
2D3
2D4
G
2Q6
2Q5
GND
GND
2D5
2D6
H
2Q8
2Q7
2OE
2CLK
2D7
2D8
J
3Q2
3Q1
3OE
3CLK
3D1
3D2
K
3Q4
3Q3
GND
GND
3D3
3D4
L
3Q6
3Q5
VCC
VCC
3D5
3D6
M
3Q8
3Q7
GND
GND
3D7
3D8
N
4Q2
4Q1
GND
GND
4D1
4D2
P
4Q4
4Q3
VCC
VCC
4D3
4D4
R
4Q6
4Q5
GND
GND
4D5
4D6
T
4Q7
4Q8
4OE
4CLK
4D8
4D7
logic diagram (positive logic)
1OE
1CLK
1D1
To Seven Other Channels
1Q1
C1
1D
A3
A4
A5
A2
2OE
2CLK
2D1
To Seven Other Channels
2Q1
C1
1D
H3
H4
E5
E2
3OE
3CLK
3D1
To Seven Other Channels
3Q1
C1
1D
J3
J4
J5
J2
4OE
4CLK
4D1
To Seven Other Channels
4Q1
C1
1D
T3
T4
N5
N2
GKE PACKAGE
(TOP VIEW)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
1
2
345
6


Número de pieza similar - SN74ALVCH32374GKE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVCH32374GKE TI1-SN74ALVCH32374GKE Datasheet
791Kb / 12P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ALVCH32374GKE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVCH32374A TI-SN74LVCH32374A Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC32374 TI1-SN74AUC32374 Datasheet
412Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH32374 TI1-SN74ALVCH32374_13 Datasheet
791Kb / 12P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUCH32374 TI-SN74AUCH32374 Datasheet
285Kb / 11P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC32374A TI1-SN74LVC32374A Datasheet
413Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVTH32237 TI-SN74LVTH32237 Datasheet
266Kb / 9P
[Old version datasheet]   3.3V ABT 32 BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com