Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6071A Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza 2N6071A
Descripción Electrónicos  TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N6071A Datasheet(HTML) 1 Page - Motorola, Inc

  2N6071A Datasheet HTML 1Page - Motorola, Inc 2N6071A Datasheet HTML 2Page - Motorola, Inc 2N6071A Datasheet HTML 3Page - Motorola, Inc 2N6071A Datasheet HTML 4Page - Motorola, Inc 2N6071A Datasheet HTML 5Page - Motorola, Inc 2N6071A Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Thyristor Device Data
Sensitive Gate Triacs
Silicon Bidirectional Thyristors
. . . designed primarily for full-wave ac control applications, such as light dimmers,
motor controls, heating controls and power supplies; or wherever full-wave silicon
gate controlled solid-state devices are needed. Triac type thyristors switch from a
blocking to a conducting state for either polarity of applied anode voltage with positive
or negative gate triggering.
• Sensitive Gate Triggering Uniquely Compatible for Direct Coupling to TTL, HTL,
CMOS and Operational Amplifier Integrated Circuit Logic Functions
• Gate Triggering 4 Mode — 2N6071A,B, 2N6073A,B, 2N6075A,B
• Blocking Voltages to 600 Volts
• All Diffused and Glass Passivated Junctions for Greater Parameter Uniformity
and Stability
• Small, Rugged, Thermopad Construction for Low Thermal Resistance, High Heat
Dissipation and Durability
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
*Peak Repetitive Off-State Voltage(1)
(Gate Open, TJ = 25 to 110°C)
2N6071A,B
2N6073A,B
2N6075A,B
VDRM
200
400
600
Volts
*On-State Current RMS (TC = 85°C)
IT(RMS)
4
Amps
*Peak Surge Current
(One Full cycle, 60 Hz, TJ = –40 to +110°C)
ITSM
30
Amps
Circuit Fusing Considerations
(t = 8.3 ms)
I2t
3.7
A2s
*Peak Gate Power
PGM
10
Watts
*Average Gate Power
PG(AV)
0.5
Watt
*Peak Gate Voltage
VGM
5
Volts
*Indicates JEDEC Registered Data.
1. VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by 2N6071/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1998
2N6071A,B
2N6073A,B
2N6075A,B
CASE 77-08
(TO-225AA)
STYLE 5
TRIACs
4 AMPERES RMS
200 thru 600 VOLTS
*Motorola preferred devices
MT1
G
MT2
MT1
MT2
G
MT2
*
*
*
REV 1


Número de pieza similar - 2N6071A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N6071A ONSEMI-2N6071A Datasheet
119Kb / 8P
   Sensitive Gate Triacs
March, 2008 - Rev. 8
logo
Central Semiconductor C...
2N6071A CENTRAL-2N6071A Datasheet
81Kb / 2P
   SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS
logo
ON Semiconductor
2N6071A ONSEMI-2N6071A Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
logo
New Jersey Semi-Conduct...
2N6071A NJSEMI-2N6071A Datasheet
84Kb / 1P
   PEEK GATE TRIGGER CURRENT
logo
Digitron Semiconductors
2N6071A DIGITRON-2N6071A Datasheet
980Kb / 4P
   SENSITIVE GATE TRIACS
More results

Descripción similar - 2N6071A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MAC6071 MOTOROLA-MAC6071 Datasheet
233Kb / 8P
   TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
T2800 MOTOROLA-T2800 Datasheet
69Kb / 4P
   TRIACs 8 AMPERES RMS 200 thru 600 VOLTS
T2322 MOTOROLA-T2322 Datasheet
79Kb / 4P
   SENSITIVE GATE TRIACs 2.5 AMPERES RMS 200 thru 600 VOLTS
MAC4DCM MOTOROLA-MAC4DCM Datasheet
156Kb / 8P
   TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
   TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
MAC210-4 MOTOROLA-MAC210-4 Datasheet
66Kb / 4P
   TRIACs 10 AMPERES RMS 200 thru 800 VOLTS
MAC218 MOTOROLA-MAC218 Datasheet
86Kb / 4P
   TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
T2500 MOTOROLA-T2500 Datasheet
69Kb / 4P
   TRIACs 6 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC212 NJSEMI-MAC212 Datasheet
141Kb / 2P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com