Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

POE60U-560G Datasheet(PDF) 2 Page - Phihong USA Inc.

No. de pieza POE60U-560G
Descripción Electrónicos  60W Power Over Ethernet Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHIHONG [Phihong USA Inc.]
Página de inicio  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE60U-560G Datasheet(HTML) 2 Page - Phihong USA Inc.

  POE60U-560G Datasheet HTML 1Page - Phihong USA Inc. POE60U-560G Datasheet HTML 2Page - Phihong USA Inc. POE60U-560G Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POE60U Characteristics
WWW.PHIHONG.COM
INPUT:
EMC
AC Input Voltage Range
FCC Part 15 Class B
90 to 264VAC
EN55022 Class B
AC Input Voltage Rating
Isolation Test
100 to 240VAC,47-63Hz
Primary to Secondary: 3000VAC for 1 minute 10mA
Primary to F.G.: 1500VAC for 1 minute
AC Input Current
Output to F.G.: 1500VAC
1A(RMS) max. for 90VAC
0.7A(RMS) max. for 240VAC
Immunity
ESD:
EN61000-4-2. Level 3
Leakage Current
RS:
EN61000-4-3. Level 2
0.25mA max. @ 254VAC 60Hz
EFT:
EN61000-4-4. Level 2
Surge:
EN61000-4-5. Level 3
AC Inrush Current
CS:
EN61000-4-6. Level 2
15A(RMS) max. for 115VAC
Voltage Dips
EN61000-4-11
20A(RMS) max. for 230VAC
Harmonic:
EN61000-3-2
OUTPUT:
Insulation Resistance
Total Output Power
Primary to secondary: >10M OHM 500VDC
60W
Primary to FC: >10M OHM 500VDC
DC Offset
FEATURES:
No Data degradation with DC imbalance 18mA per min.
Detection
Same as IEEE802.3af except 12.5kohm detection
resistor value required at Powered device.
Efficiency
65% (typical) at Max. load, and 120VAC 60Hz
Over Voltage/Current, Short Circuit Protection
Hold-up Time
Outputs equipped with short circuit protection and overload
protection as per 802.3af specification except max average
current is 0.55A, Peak 0.6A per pair
16mS min. 120VAC and max. load
Transient O/P Voltage Protection
The output can be shorted permanently without damage
60V max.
Indicators
ENVIRONMENTAL:
Led #1 indicator for input power “on” GREEN
Temperature
Led #2 Indicator for fault-RED
Operation
0 to +40°C
Led #3 Indicator that Detected and Connected to valid
IEEE802.3af load-GREEN
Non-operation
-25 to +65°C
Humidity
Input Connector
Operation
5 to 90%
IEC320 inlet 3 pin
Dimension Diagram Unit: mm (inch)


Número de pieza similar - POE60U-560G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Phihong USA Inc.
POE60U-560G-14 PHIHONG-POE60U-560G-14 Datasheet
78Kb / 3P
   60W Power over Ethernet Adapter Ultra Power Single Port Injector
More results

Descripción similar - POE60U-560G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Phihong USA Inc.
POE61U-560D PHIHONG-POE61U-560D Datasheet
290Kb / 3P
   60W Passive Power over Ethernet Adapter
POE60U-560G-14 PHIHONG-POE60U-560G-14 Datasheet
78Kb / 3P
   60W Power over Ethernet Adapter Ultra Power Single Port Injector
POE60D-560 PHIHONG-POE60D-560 Datasheet
66Kb / 2P
   60W Power over Ethernet Splitter
POE36D-1AT PHIHONG-POE36D-1AT Datasheet
184Kb / 3P
   33.6W Power over Ethernet Adapter
POE20U-560 PHIHONG-POE20U-560_14 Datasheet
81Kb / 3P
   19.6W Power over Ethernet Adapter
POE30U-560GHT PHIHONG-POE30U-560GHT Datasheet
110Kb / 4P
   30W Power Over Ethernet Adapter
POE80U-560G PHIHONG-POE80U-560G_11 Datasheet
90Kb / 3P
   80W Power over Ethernet Adapter
POE30U-560 PHIHONG-POE30U-560 Datasheet
96Kb / 3P
   30W Power Over Ethernet Adapter
POE80U-560G PHIHONG-POE80U-560G Datasheet
377Kb / 3P
   80W Power Over Ethernet Adapter
POE20D-1AF PHIHONG-POE20D-1AF Datasheet
113Kb / 3P
   19.6W Power over Ethernet Adapter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com