Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PSC20R-240 Datasheet(PDF) 1 Page - Phihong USA Inc.

No. de pieza PSC20R-240
Descripción Electrónicos  20-WATT INTERCHANGEABLE PLUG SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHIHONG [Phihong USA Inc.]
Página de inicio  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSC20R-240 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSC20R-240 Datasheet HTML 1Page - Phihong USA Inc. PSC20R-240 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WWW.PHIHONG.COM
20-WATT INTERCHANGEABLE PLUG SERIES
PSC20R Adapter Series Meets CEC and EISA Requirements
Features
• Limited Power Source
• Class II Double Insulated
• Class B EMI
• No-load Power Saving
• Efficiency Level IV Compliance
• High Efficiency
Applications
• Peripherals
• Point of Sale Equipment
• Gaming Machines
• Network Equipment
Safety Approvals
• cUL/UL
• CE
• TUV
• C-Tick
• SAA
Mechanical Characteristics
• Length: 100mm (3.9in)
• Height: 36mm (1.4in)
• Width: 63mm (2.5in)
• Weight: 260g (9oz)
Output Specifications
DC Output
Load
Ripple (1)
Regulation (2)
Efficiency
Model
Voltage
Min.
Max.
P-P (max)
Line
Load
Level
PSC20R-120
12V
0A
1.67A
120mV
±1%
±5%
PSC20R-180
18V
0A
1.11A
180mV
±1%
±5%
PSC20R-240
24V
0A
0.83A
240mV
±1%
±5%
Note: (1) Measured with by-pass capacitors 0.1uf//10uf at output connector terminal. (2) At no load to full load, 1.8 meter
(6ft) DC cord, measured at the plug.
Interchangeable clips sold separately.
Phihong reserves the right to make changes without further notice. Please consult Phihong USA and visit
www.phihong.com for the most up-to-date specifications.


Número de pieza similar - PSC20R-240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DDK Ltd.
PSC2 DDK-PSC2 Datasheet
119Kb / 2P
   SMB Style Connector
logo
United Chemi-Con, Inc.
PSC2.5VB1000MH11 CHEMI-CON-PSC2.5VB1000MH11 Datasheet
610Kb / 2P
   Conductive polymer Aluminum solid capacitors
PSC2.5VB2700MJ11 CHEMI-CON-PSC2.5VB2700MJ11 Datasheet
610Kb / 2P
   Conductive polymer Aluminum solid capacitors
PSC2.5VB560MH08 CHEMI-CON-PSC2.5VB560MH08 Datasheet
610Kb / 2P
   Conductive polymer Aluminum solid capacitors
PSC2.5VB820MH08 CHEMI-CON-PSC2.5VB820MH08 Datasheet
610Kb / 2P
   Conductive polymer Aluminum solid capacitors
More results

Descripción similar - PSC20R-240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Phihong USA Inc.
PSAA20R-050L6 PHIHONG-PSAA20R-050L6 Datasheet
129Kb / 3P
   20 Watt Interchangeable Plug Series
PSAA20R-120L6 PHIHONG-PSAA20R-120L6 Datasheet
281Kb / 3P
   20 Watt Interchangeable Plug Series
PSAA20R-120 PHIHONG-PSAA20R-120 Datasheet
134Kb / 2P
   20-WATT INTERCHANGEABLE PLUG SERIES
PSA21R-033 PHIHONG-PSA21R-033 Datasheet
138Kb / 3P
   15-20 Watt Interchangeable Plug Series
PSAA20R-120 PHIHONG-PSAA20R-120_14 Datasheet
139Kb / 2P
   10~20 Watt Interchangeable Plug Series
PSAC12R-050 PHIHONG-PSAC12R-050 Datasheet
141Kb / 3P
   12 Watt Interchangeable Plug Series
PSA15R-050P PHIHONG-PSA15R-050P Datasheet
169Kb / 2P
   15 WATT INTERCHANGEABLE PLUG SERIES
PSA15R-V PHIHONG-PSA15R-V Datasheet
92Kb / 2P
   15 Watt Interchangeable Plug Series
PSC15R-050 PHIHONG-PSC15R-050 Datasheet
180Kb / 3P
   15 Watt Interchangeable Plug Series
PSA-30R-033 PHIHONG-PSA-30R-033 Datasheet
126Kb / 3P
   30 Watt Interchangeable Plug Series
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com