Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDI322520-560F Datasheet(PDF) 3 Page - Superworld Electronics

No. de pieza SDI322520-560F
Descripción Electrónicos  WIREWOUND CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUPERWORLD [Superworld Electronics]
Página de inicio  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI322520-560F Datasheet(HTML) 3 Page - Superworld Electronics

  SDI322520-560F Datasheet HTML 1Page - Superworld Electronics SDI322520-560F Datasheet HTML 2Page - Superworld Electronics SDI322520-560F Datasheet HTML 3Page - Superworld Electronics SDI322520-560F Datasheet HTML 4Page - Superworld Electronics SDI322520-560F Datasheet HTML 5Page - Superworld Electronics SDI322520-560F Datasheet HTML 6Page - Superworld Electronics SDI322520-560F Datasheet HTML 7Page - Superworld Electronics SDI322520-560F Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
SDI322520-561F
560
SDI322520-331F
SDI322520-391F
SDI322520-471F
SDI322520-181F
SDI322520-221F
SDI322520-271F
330
390
470
180
220
270
PG. 3
31.07.2008
50
1K
796K
5.0 ( Ref. )
28.0
40
40
50
50
1M
1K
1M
796K
796K
796K
40
40
40
1M
1M
1M
796K
796K
796K
22.0
5.0
5.0
25.0
5.0
15.0
50
45
65
11.8
5.5
5.0
12.5
6.0
10.2
65
65
65
WIREWOUND CHIP INDUCTORS
SDI322520-101F
SDI322520-151F
SDI322520-121F
5. ELECTRICAL CHARACTERISTICS :
100
150
120
( uH )
Inductance
Part No.
Tolerance
40
40
40
1M
1M
1M
796K
796K
796K
Q
Min.
Test
( Hz )
Frequency
Test
( Hz )
Frequency
8.0
7.5
7.0
9.3
8.0
7.0
75
70
80
SRF
DCR
Min.
( MHz )
Max.
(
)
IDC
Max.
( mA )
SDI322520 SERIES
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
K, J
M = ±20%
K = ±10%
Inductance tolerance :
: J = ±5%


Número de pieza similar - SDI322520-560F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Superworld Electronics
SDI322520-560F SUPERWORLD-SDI322520-560F Datasheet
127Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI322520-560F SUPERWORLD-SDI322520-560F Datasheet
127Kb / 4P
   WIREWOUND CHIP INDUCTORS
More results

Descripción similar - SDI322520-560F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com