Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDI322520-560F Datasheet(PDF) 6 Page - Superworld Electronics

No. de pieza SDI322520-560F
Descripción Electrónicos  WIREWOUND CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUPERWORLD [Superworld Electronics]
Página de inicio  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI322520-560F Datasheet(HTML) 6 Page - Superworld Electronics

  SDI322520-560F Datasheet HTML 1Page - Superworld Electronics SDI322520-560F Datasheet HTML 2Page - Superworld Electronics SDI322520-560F Datasheet HTML 3Page - Superworld Electronics SDI322520-560F Datasheet HTML 4Page - Superworld Electronics SDI322520-560F Datasheet HTML 5Page - Superworld Electronics SDI322520-560F Datasheet HTML 6Page - Superworld Electronics SDI322520-560F Datasheet HTML 7Page - Superworld Electronics SDI322520-560F Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Gradual Cooling
Within 3secs.
Figure 2. Wave Soldering
SUPERWORLD ELECTRONICS (S) PTE LTD
Figure 1. Re-flow Soldering
Within 10secs.
Over
1min.
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Over
1min.
Over 1min.
Within 3secs.
Figure 3. Hand Soldering
Gradual Cooling
Soldering
Preheating
230
150
280
Gradual Cooling
Natural
cooling
Over 2mins.
PG. 6
31.07.2008
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
products, wave soldering of large size products is discouraged. Recommended temperature profile for wave soldering
seen by the circuit when immersed in the molten solder wave, typical at 240°C. Due to the risk of thermal damage to
Wave soldering is perhaps the most rigorous of surface mount soldering processes due to the steep rise in temperature
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
is shown in Figure 2.
Soldering
a soldering iron must be employed the following precautions are recommended.
7-2.3 Soldering Iron (Figure 2) :
Note :
230
150
Preheating
c) Never contact the ceramic with the iron tip
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
cooling
Natural
f) Limit soldering time to 3 secs.
d) 1.0mm tip diameter (max)
230
250
150
Preheating
Soldering
b) 280°C tip temperature (max)
a) Preheat circuit and products to 150°C.
7-2.2 Solder Wave :
Recommended temperature profiles for re-flow soldering in Figure 1.
7-2.1 Solder Re-flow :
air soldering tools.
7-2. Soldering
Natural
cooling
7-1. Recommended PC Board Pattern
7. SOLDERING AND MOUNTING :
WIREWOUND CHIP INDUCTORS
SDI322520 SERIES
1.50
1.50
1.00


Número de pieza similar - SDI322520-560F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Superworld Electronics
SDI322520-560F SUPERWORLD-SDI322520-560F Datasheet
127Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI322520-560F SUPERWORLD-SDI322520-560F Datasheet
127Kb / 4P
   WIREWOUND CHIP INDUCTORS
More results

Descripción similar - SDI322520-560F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com