Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4N25 Datasheet(PDF) 2 Page - Motorola, Inc

No. de pieza 4N25
Descripción Electrónicos  6-Pin DIP Optoisolators Transistor Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

4N25 Datasheet(HTML) 2 Page - Motorola, Inc

  4N25 Datasheet HTML 1Page - Motorola, Inc 4N25 Datasheet HTML 2Page - Motorola, Inc 4N25 Datasheet HTML 3Page - Motorola, Inc 4N25 Datasheet HTML 4Page - Motorola, Inc 4N25 Datasheet HTML 5Page - Motorola, Inc 4N25 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4N25 4N25A 4N26 4N27 4N28
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Min
Typ(1)
Max
Unit
INPUT LED
Forward Voltage (IF = 10 mA)
TA = 25°C
TA = –55°C
TA = 100°C
VF
1.15
1.3
1.05
1.5
Volts
Reverse Leakage Current (VR = 3 V)
IR
100
µA
Capacitance (V = 0 V, f = 1 MHz)
CJ
18
pF
OUTPUT TRANSISTOR
Collector–Emitter Dark Current
4N25,25A,26,27
(VCE = 10 V, TA = 25°C
4N28
ICEO
1
1
50
100
nA
(VCE = 10 V, TA = 100°C)
All Devices
ICEO
1
µA
Collector–Base Dark Current (VCB = 10 V)
ICBO
0.2
nA
Collector–Emitter Breakdown Voltage (IC = 1 mA)
V(BR)CEO
30
45
Volts
Collector–Base Breakdown Voltage (IC = 100 µA)
V(BR)CBO
70
100
Volts
Emitter–Collector Breakdown Voltage (IE = 100 µA)
V(BR)ECO
7
7.8
Volts
DC Current Gain (IC = 2 mA, VCE = 5 V)
hFE
500
Collector–Emitter Capacitance (f = 1 MHz, VCE = 0)
CCE
7
pF
Collector–Base Capacitance (f = 1 MHz, VCB = 0)
CCB
19
pF
Emitter–Base Capacitance (f = 1 MHz, VEB = 0)
CEB
9
pF
COUPLED
Output Collector Current (IF = 10 mA, VCE = 10 V)
4N25,25A,26
4N27,28
IC (CTR)(2)
2 (20)
1 (10)
7 (70)
5 (50)
mA (%)
Collector–Emitter Saturation Voltage (IC = 2 mA, IF = 50 mA)
VCE(sat)
0.15
0.5
Volts
Turn–On Time (IF = 10 mA, VCC = 10 V, RL = 100 Ω)(3)
ton
2.8
µs
Turn–Off Time (IF = 10 mA, VCC = 10 V, RL = 100 Ω)(3)
toff
4.5
µs
Rise Time (IF = 10 mA, VCC = 10 V, RL = 100 Ω)(3)
tr
1.2
µs
Fall Time (IF = 10 mA, VCC = 10 V, RL = 100 Ω)(3)
tf
1.3
µs
Isolation Voltage (f = 60 Hz, t = 1 sec)(4)
VISO
7500
Vac(pk)
Isolation Resistance (V = 500 V)(4)
RISO
1011
Isolation Capacitance (V = 0 V, f = 1 MHz)(4)
CISO
0.2
pF
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. Current Transfer Ratio (CTR) = IC/IF x 100%.
3. For test circuit setup and waveforms, refer to Figure 11.
4. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.


Número de pieza similar - 4N25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
4N25 TOSHIBA-4N25 Datasheet
324Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
AVAGO TECHNOLOGIES LIMI...
4N25 AVAGO-4N25 Datasheet
228Kb / 7P
   Phototransistor Optocoupler General Purpose Type
logo
Guangdong Youtai Semico...
4N25 UMW-4N25 Datasheet
905Kb / 8P
   The 4N25, 4N26, 4N27, 4N28, 4N35, 4N36, 4N37, 4N38 series combine an AlGaAs infrared emitting diode as the emitter which is optically coupled to a silicon planar phototransistor detector in a plastic DIP6 package with different lead forming options.
logo
QT Optoelectronics
4N25 QT-4N25 Datasheet
610Kb / 5P
   GAAS INFRARED EMITTING DIODE
logo
New Jersey Semi-Conduct...
4N25 NJSEMI-4N25 Datasheet
101Kb / 1P
   Optically-Coupled Isolator Optoelectronic Products
More results

Descripción similar - 4N25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
Motorola, Inc
M4N26 MOTOROLA-M4N26 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
H11AA1 MOTOROLA-H11AA1 Datasheet
281Kb / 6P
   6-Pin DIP Optoisolators AC Input/Transistor Output
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_05 Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
Motorola, Inc
MTIL113 MOTOROLA-MTIL113 Datasheet
100Kb / 4P
   6-Pin DIP Optoisolators Darlington Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com