Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74CBTS16211DL Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza SN74CBTS16211DL
Descripción Electrónicos  24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTS16211DL Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBTS16211DL Datasheet HTML 1Page - Texas Instruments SN74CBTS16211DL Datasheet HTML 2Page - Texas Instruments SN74CBTS16211DL Datasheet HTML 3Page - Texas Instruments SN74CBTS16211DL Datasheet HTML 4Page - Texas Instruments SN74CBTS16211DL Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN74CBTS16211
24-BIT FET BUS SWITCH
WITH SCHOTTKY DIODE CLAMPING
SCDS050B – MARCH 1998 – REVISED MAY 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input and Output Levels
D Package Options Include Plastic 300-mil
Shrink Small-Outline (DL), Thin Shrink
Small-Outline (DGG), and Thin Very
Small-Outline (DGV) Packages
description
The SN74CBTS16211 provides 24 bits of
high-speed TTL-compatible bus switching with
Schottky diodes on the I/Os to clamp undershoot.
The low on-state resistance of the switch allows
connections to be made with minimal propagation
delay.
The device can operate as a dual 12-bit bus switch
or a single 24-bit bus switch. When 1OE is low, 1A
is connected to 1B. When 2OE is low, 2A is
connected to 2B.
The
SN74CBTS16211
is
characterized
for
operation from –40
°C to 85°C.
FUNCTION TABLE
(each 12-bit bus switch)
INPUT
OE
FUNCTION
L
A port = B port
H
Disconnect
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
NC
1A1
1A2
1A3
1A4
1A5
1A6
GND
1A7
1A8
1A9
1A10
1A11
1A12
2A1
2A2
VCC
2A3
GND
2A4
2A5
2A6
2A7
2A8
2A9
2A10
2A11
2A12
1OE
2OE
1B1
1B2
1B3
1B4
1B5
GND
1B6
1B7
1B8
1B9
1B10
1B11
1B12
2B1
2B2
2B3
GND
2B4
2B5
2B6
2B7
2B8
2B9
2B10
2B11
2B12
NC – No internal connection


Número de pieza similar - SN74CBTS16211DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBTS16211DL TI1-SN74CBTS16211DL Datasheet
342Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16211DLG4 TI1-SN74CBTS16211DLG4 Datasheet
342Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16211DLR TI1-SN74CBTS16211DLR Datasheet
342Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
More results

Descripción similar - SN74CBTS16211DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBTS16211 TI1-SN74CBTS16211_08 Datasheet
342Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16212 TI-SN74CBTS16212_08 Datasheet
350Kb / 12P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16212 TI-SN74CBTS16212 Datasheet
82Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS3384 TI1-SN74CBTS3384_15 Datasheet
904Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS3384 TI-SN74CBTS3384 Datasheet
66Kb / 5P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
logo
Renesas Technology Corp
HD74CBTS16212A RENESAS-HD74CBTS16212A Datasheet
237Kb / 13P
   24-bit FET Bus-Exchange Switches with Schottky diode clamping
logo
Texas Instruments
SN74CBTS3306 TI1-SN74CBTS3306_15 Datasheet
1,023Kb / 13P
[Old version datasheet]   DUAL FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS3306 TI-SN74CBTS3306 Datasheet
64Kb / 4P
[Old version datasheet]   DUAL FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS6800 TI-SN74CBTS6800 Datasheet
57Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
SN74CBTS6800 TI1-SN74CBTS6800_15 Datasheet
739Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com