Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74CBTS6800 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74CBTS6800
Descripción Electrónicos  10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTS6800 Datasheet(HTML) 2 Page - Texas Instruments

  SN74CBTS6800 Datasheet HTML 1Page - Texas Instruments SN74CBTS6800 Datasheet HTML 2Page - Texas Instruments SN74CBTS6800 Datasheet HTML 3Page - Texas Instruments SN74CBTS6800 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SN74CBTS6800
10-BIT FET BUS SWITCH
WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
SCDS102A – JUNE 1999 – REVISED JULY 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Bias voltage range, BIASV
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous channel current
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DB package
104
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DBQ package
103
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
139
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DW package
81
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
120
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
4
5.5
V
BIASV
Supply voltage
1.3
VCC
V
VIH
High-level control input voltage
2
V
VIL
Low-level control input voltage
0.8
V
TA
Operating free-air temperature
–40
85
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
A or B inputs
VCC =4 5V
II =18 mA
–0.7
V
VIK
Control inputs
VCC = 4.5 V,
II = –18 mA
–1.2
V
IIL
VCC = 5.5 V,
VI = GND
–5
µA
IIH
VCC = 5.5 V,
VI = 5.5 V
150
µA
IO
VCC = 4.5 V,
BIASV = 2.4 V,
VO= 0
0.25
mA
ICC
VCC = 5.5 V,
IO = 0,
VI = VCC or GND
3
µA
∆ICC§
Control inputs
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2.5
mA
Ci
Control inputs
VI = 3 V or 0
3.5
pF
Cio(OFF)
VO = 3 V or 0,
ON = VCC
4.5
pF
VCC = 4 V,
TYP at VCC = 4 V
VI = 2.4 V,
II = 15 mA
11
20
ron¶
VI =0
II = 64 mA
3
7
on
VCC = 4.5 V
VI = 0
II = 30 mA
3
7
VI = 2.4 V,
II = 15 mA
6
15
‡ All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
§ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
¶ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by
the lower of the voltages of the two (A or B) terminals.


Número de pieza similar - SN74CBTS6800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBTS6800 TI1-SN74CBTS6800 Datasheet
739Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
SN74CBTS6800DBQR TI1-SN74CBTS6800DBQR Datasheet
739Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
SN74CBTS6800DBR TI1-SN74CBTS6800DBR Datasheet
739Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
SN74CBTS6800DGVR TI1-SN74CBTS6800DGVR Datasheet
739Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
SN74CBTS6800DW TI1-SN74CBTS6800DW Datasheet
739Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
More results

Descripción similar - SN74CBTS6800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBTS6800 TI1-SN74CBTS6800_15 Datasheet
739Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI1-SN74CBT6800A_16 Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800 TI1-SN74CB3Q6800_15 Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI-SN74CBT6800A_08 Datasheet
476Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBTS3384 TI1-SN74CBTS3384_15 Datasheet
904Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS3384 TI-SN74CBTS3384 Datasheet
66Kb / 5P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
logo
Pericom Semiconductor C...
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Pericom Semiconductor C...
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com