Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME1300CEQA280 Datasheet(PDF) 1 Page - Analog Microelectronics

No. de pieza AME1300CEQA280
Descripción Electrónicos  300mA CMOS LDO with RESET Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1300CEQA280 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME1300CEQA280 Datasheet HTML 1Page - Analog Microelectronics AME1300CEQA280 Datasheet HTML 2Page - Analog Microelectronics AME1300CEQA280 Datasheet HTML 3Page - Analog Microelectronics AME1300CEQA280 Datasheet HTML 4Page - Analog Microelectronics AME1300CEQA280 Datasheet HTML 5Page - Analog Microelectronics AME1300CEQA280 Datasheet HTML 6Page - Analog Microelectronics AME1300CEQA280 Datasheet HTML 7Page - Analog Microelectronics AME1300CEQA280 Datasheet HTML 8Page - Analog Microelectronics AME1300CEQA280 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AME
1
AME1300
300mA CMOS LDO with
RESET Function
Rev.C.02
l LDO with intergrated Microprocessor Reset
Monitor Functionality
l Guaranteed 300mA Output
l Accurate to within 1.5%
l 50
µA Quiescent Current
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l Noise Reduction Bypass Capacitor
l Power-Saving Shutdown Mode
l Space-Saving MSOP Package
l Factory Pre-set Output Voltages
l Low Temperature Coefficient
The AME1300 combines a Low Dropout Regulator and
a Microprocessor Reset Monitor in a space-saving MSOP-
8 package. Total supply current is 50
µA (typical), 20 to
60 times lower than in bipolar regulators .
The AME1300 has an extremely precise output with a
typical accuracy of
±1.5%. Other key features include
ultra low noise operation, very low dropout voltage and
internal feed-forward compensation for fast response to
step changes in load. The AME1300 incorporates both
over-temperature and over-current protection. When the
shutdown control EN is low, the regulator output voltage
falls to zero, RESETB output remains valid and supply
current is reduced to 10
µA(typical). The AME1300 is
stable with an output capacitor of only 2.2
µF and has a
minimum output current of 300 mA.
An active low RESET is asserted when the detected
voltage (V
DET) falls below the reset voltage threshold. The
reset output remains low for 300msec(typical) after V
DET
rises above reset threshold. The AME1300 also has a
fast wake up response time (10
µsec typically) when re-
leased from shutdown.
n General Description
n Features
l Instrumentation
l Portable Electronics
l Wireless Devices
l Cellular / GSM / CDMA Phones
l PC Peripherals
l Battery Powered Widgets
n Applications
n Typical Applications
n Pin Configuration
MSOP-8
Top View
1. RESETB
2. OUT
3. GND
4. BYP
5. EN
6. NC
7. IN
8. V
DET
Die Attach:
Conductive Epoxy
AME1300
l All AME's Lead Free Products Meet RoHS
Standards.
1
3
2
4
5
6
7
8
AME1300
RESETB
SHUTDOWN
CONTROL
V
DET and VOUT can be
connected together
RESETB
V
DET
V
DET
V
IN
IN
NC
EN
V
OUT
GND
BYP
CBypass
(Option)
470pF
OUT
1300


Número de pieza similar - AME1300CEQA280

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
178Kb / 3P
   Over load, Short Circuit Protection
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
AME1-12SBAZ AIMTEC-AME1-12SBAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-12SBAZ AIMTEC-AME1-12SBAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
More results

Descripción similar - AME1300CEQA280

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gamma Microelectronics ...
GM6355 GAMMA-GM6355 Datasheet
170Kb / 6P
   300mA LOW NOISE CMOS LDO WITH ENABLE FUNCTION
logo
Taiwan Semiconductor Co...
TS9015 TSC-TS9015_13 Datasheet
117Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9012 TSC-TS9012 Datasheet
221Kb / 5P
   300mA Low Quiescent Current CMOS LDO with Enable Function
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
logo
Seaward Electronics Inc...
SE5318 SEAWARD-SE5318 Datasheet
287Kb / 6P
   300mA CMOS LDO with PGOOD
logo
List of Unclassifed Man...
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com