Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME4621AEVBZ-3 Datasheet(PDF) 8 Page - Analog Microelectronics

No. de pieza AME4621AEVBZ-3
Descripción Electrónicos  1-Ohm Low Voltage Dual SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME4621AEVBZ-3 Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME4621AEVBZ-3 Datasheet HTML 4Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 5Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 6Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 7Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 8Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 9Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 10Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 11Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AME
8
AME4621
1-Ohm Low Voltage
Dual SPDT Analog Switch
Rev.C.03
Ron vs. Pin1A, 2A Voltage over Supply Voltage
Ron vs. Pin1A, 2A Voltage over Temperature
OFF Leakage vs. Temperature
Charge Injection vs. Pin1A, 2A Voltage
Logic Threshold Voltage vs. Supply Voltage
TURN-ON/OFF Times vs. Supply Voltage
4.5
3
2.5
0.5
0
1.5
2.0
Supply Voltage (V)
1.0
2.5
V
IN Falling
2
5.0
3.5
4
V
IN Rising
2
5
4
3
6
0
40
V
SUPPLY (V)
20
60
80
100
t
ON
t
OFF
-40
40
20
0
-20
60
0.2
0.0
0.4
Temperature (OC)
80
100
0.1
0.3
0
4
3
2
1
5
6
5
4
3
1
2
8
7
9
Pin1A, 2A (V)
+1.8V
+2.0V
+2.5V
+2.3V
+5.0V
Pin1A, 2A=100mA
+3.0V
0
4
3
2
1
5
0.75
0.50
0.25
1.00
1.25
Pin1A, 2A (V)
T
A=+105
0C
T
A=+85
0C
T
A=+25
0C
T
A=-40
0C
T
A=-55
0C
V
IN = 5V
Pin1A, 2A=100mA
0
4
2
6
60
20
0
80
100
Pin1A, 2A (V)
40
120
140
1
3
5


Número de pieza similar - AME4621AEVBZ-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620 AME-AME4620 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620AEIY AME-AME4620AEIY Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620AEIYZ AME-AME4620AEIYZ Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620AEIYZ AME-AME4620AEIYZ Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
More results

Descripción similar - AME4621AEVBZ-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4624 AME-AME4624 Datasheet
153Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Alpha & Omega Semicondu...
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535 Datasheet
72Kb / 5P
   0.35 OHM Low-Voltage Dual SPDT Analog Switch
Rev. B, 01-Nov-04
logo
Pericom Semiconductor C...
PI5A23159 PERICOM-PI5A23159 Datasheet
375Kb / 8P
   Low Voltage Dual SPDT 0.8(ohm) Analog Switch
logo
Vishay Siliconix
DG3535 VISHAY-DG3535 Datasheet
94Kb / 6P
   0.25-OHM Low-Voltage Dual SPDT Analog Switch
Rev. D, 24-Jan-05
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
   0.5(OHM) Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2531 VISHAY-DG2531 Datasheet
119Kb / 8P
   0.4-ohm Low-Voltage Dual SPDT Analog Switch
Rev. B, 16-Jan-06
logo
Alpha & Omega Semicondu...
AOZ6236 AOSMD-AOZ6236 Datasheet
503Kb / 11P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com