Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME1300BEQA300Z Datasheet(PDF) 7 Page - Analog Microelectronics

No. de pieza AME1300BEQA300Z
Descripción Electrónicos  300mA CMOS LDO with RESET Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1300BEQA300Z Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME1300BEQA300Z Datasheet HTML 3Page - Analog Microelectronics AME1300BEQA300Z Datasheet HTML 4Page - Analog Microelectronics AME1300BEQA300Z Datasheet HTML 5Page - Analog Microelectronics AME1300BEQA300Z Datasheet HTML 6Page - Analog Microelectronics AME1300BEQA300Z Datasheet HTML 7Page - Analog Microelectronics AME1300BEQA300Z Datasheet HTML 8Page - Analog Microelectronics AME1300BEQA300Z Datasheet HTML 9Page - Analog Microelectronics AME1300BEQA300Z Datasheet HTML 10Page - Analog Microelectronics AME1300BEQA300Z Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AME
7
AME1300
300mA CMOS LDO with
RESET Function
Rev.C.02
The AME1300 is a combination of a fixed output, low
drop-out regulator and microprocessor monitor. Unlike
bipolar regulators, the AME1300 supply current does not
increase with load current. In addition,V
OUT remains stable
and within regulation at very low load currents(an impor-
tant consideration in RTC and CMOS RAM battery back-
up applications) as well as with any type of capacitor (see
below). AME1300 pin functions are detailed below:
n Detailed Description
RESETB
RESETB
V
DET
V
DET
IN
NC
EN
GND
BYP
CBypass
(Option)
470pF
OUT
+
EN Control
(from Power
Control Logic)
C1
2.2
µF
Battery
C1
1
µF
1300
n Pin Description
Pin Number
Pin Name
Pin Description
1
RESETB
RESETB output remains low while VDET is below the reset voltage
threshold, and for 300msec VDET rises above reset theshold.
2
OUT
Regulated Voltage Output.
3
GND
Ground Terminal.
4
BYP
Reference Bypass Input.
Connecting a 1000pF to this input further reduces output noise.
5
EN
Shutdown Control Input. The regulator is fully enabled when a logic
high is applied to this input. The regulator enters shutdown when a
logic low is applied to this input. During shutdown, regulator output
voltage falls to zero, RESETB output remains valid and supply
current is reduced to 10
µA (typ.)
6
NC
No connect.
7
IN
Power Supply Input.
8
VDET
Detected input Voltage. VDET and VOUT can be connected together.


Número de pieza similar - AME1300BEQA300Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
178Kb / 3P
   Over load, Short Circuit Protection
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
AME1-12SBAZ AIMTEC-AME1-12SBAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-12SBAZ AIMTEC-AME1-12SBAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
More results

Descripción similar - AME1300BEQA300Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gamma Microelectronics ...
GM6355 GAMMA-GM6355 Datasheet
170Kb / 6P
   300mA LOW NOISE CMOS LDO WITH ENABLE FUNCTION
logo
Taiwan Semiconductor Co...
TS9015 TSC-TS9015_13 Datasheet
117Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9012 TSC-TS9012 Datasheet
221Kb / 5P
   300mA Low Quiescent Current CMOS LDO with Enable Function
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
logo
Seaward Electronics Inc...
SE5318 SEAWARD-SE5318 Datasheet
287Kb / 6P
   300mA CMOS LDO with PGOOD
logo
List of Unclassifed Man...
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com