Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


74337-0061 Datasheet(Hoja de datos) 2 Page - Molex Electronics Ltd.

No. de Pieza. 74337-0061
Descripción  0.80mm (.031") Pitch UltraVHDCI Wire-to-Board Receptacle
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOLEX [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo 

   
 2 page
background image
0.80mm (.031") Pitch
Ultra+VHDCI
Wire-to-Board
Dual Stack Receptacle
The new 0.80mm (.031") Pitch Dual Stack Ultra+ VHDCI (Very
High Density Cable Interface) connectors from Molex are ideal
for demanding next generation SCSI applications. They have
been designed to meet ANSI/SFF-8441 and SPI-4
requirements while supporting HBA applications and other
equipment requiring high port densities.
These space-saving dual-stacked receptacles have 136 circuits
in a two-row configuration, providing the most features for
maximum performance and reliability. An optional cover is
available, eliminating risk of electrical shorts to panels or
adjacent printed circuit boards in densely packaged
equipment. Panel grounding tabs provide a superior ground
path to a panel or bracket for maximum EMI protection. High
performance terminals with lead-ins that have a large radius
minimize stubbing while improving plug insertion.
APPLICATIONS
RAID Data Storage Device
PCI Add-In Card
s
File and Network Servers
s
RAIDs (Redundant Arrays of Independent Disks)
s
Network Attached Storage (NAS) devices
s
PCI Add-In cards
s
Host Bus Adapter (HBA) cards
s
Workstations
s
Other data transfer applications




Html Pages

1  2 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
510211.25mm .049 Pitch Wire-to-Wire and Wire-to-Board Receptacle 1 List of Unclassifed Manufacturers
501334-00001.00mm .039" pitch wire-to-board connector 1 2 Molex Electronics Ltd.
761050.80mm .031” Pitch iPass+ 84-Circuit 120 Gbps Products 1 2 Molex Electronics Ltd.
75310-00010.80mm .031” Pitch SFP Stacked Multi-Port Connectors 1 2 Molex Electronics Ltd.
177983-0RECEPTACLE ASSEMBLY SH TYPE O.5 BOSS LENGTH FOR FH 0.8MM PITCH B-T-B CONNECTOR 1 2 List of Unclassifed Manufacturers
SEL50215-mm Pitch Lead 3phi Lens-type LED Direct Mount 1 Sanken electric
PC3Q65High Sensitivity Type Half Pitch Photocoupler 1 2 3 4 Sharp Electrionic Components
218_08SMT Half Pitch DIP Switch-Auto Placeable 1 2 CTS Corporation
VTSR-AA25 or 50 Mil Pitch T-Filter Resistor/Capacitor Networks 1 2 3 4 Vishay Siliconix
YPKG-62CG-7973DCCG624 32.5x32.5mm 1.27mm pitch Daisy Chain Package Drawing 1 2 3 4 5 MoreActel Corporation

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl