Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74FB2033ARCR Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza SN74FB2033ARCR
Descripción Electrónicos  8-BIT TTL/BTL REGISTERED TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74FB2033ARCR Datasheet(HTML) 1 Page - Texas Instruments

  SN74FB2033ARCR Datasheet HTML 1Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 2Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 3Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 4Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 5Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 6Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 7Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 8Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN74FB2033A
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SCBS174M – NOVEMBER 1991 – REVISED SEPTEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Compatible With IEEE Std 1194.1-1991
(BTL)
D TTL A Port, Backplane Transceiver Logic
(BTL) B Port
D Open-Collector B-Port Outputs Sink
100 mA
D BIAS VCC Pin Minimizes Signal Distortion
During Live Insertion or Withdrawal
D High-Impedance State During Power Up
and Power Down
D B-Port Biasing Network Preconditions the
Connector and PC Trace to the BTL
High-Level Voltage
D TTL-Input Structures Incorporate Active
Clamping Networks to Aid in Line
Termination
14 15 16 17 18 19 20 21 22 23 24 25 26
52 51 50 49 48 47 46 45 44 43 42 41 40
RC PACKAGE
(TOP VIEW)
GND
AO2
AI3
AO3
AI4
AO4
LOOPBACK
AI5
AO5
AI6
AO6
AI7
GND
GND
B2
GND
B3
GND
B4
GND
B5
GND
B6
GND
B7
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
description
The SN74FB2033A is an 8-bit transceiver featuring a split input (AI) and output (AO) bus on the TTL-level A port.
The common-I/O, open-collector B port operates at backplane transceiver logic (BTL) signal levels.
The logic element for data flow in each direction is configured by two mode inputs (IMODE1 and IMODE0 for
B-to-A, OMODE1 and OMODE0 for A-to-B) as a buffer, a D-type flip-flop, or a D-type latch. When configured
in the buffer mode, the inverted input data appears at the output port. In the flip-flop mode, data is stored on
the rising edge of the appropriate clock input (CLKAB/LEAB or CLKBA/LEBA). In the latch mode, the clock
inputs serve as active-high transparent latch enables.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Número de pieza similar - SN74FB2033ARCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74FB2033ARCR TI1-SN74FB2033ARCR Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCRG3 TI1-SN74FB2033ARCRG3 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results

Descripción similar - SN74FB2033ARCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
NXP Semiconductors
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com