Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STB13061R1MZF Datasheet(PDF) 2 Page - Superworld Electronics

No. de pieza STB13061R1MZF
Descripción Electrónicos  SHIELDED SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUPERWORLD [Superworld Electronics]
Página de inicio  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STB13061R1MZF Datasheet(HTML) 2 Page - Superworld Electronics

  STB13061R1MZF Datasheet HTML 1Page - Superworld Electronics STB13061R1MZF Datasheet HTML 2Page - Superworld Electronics STB13061R1MZF Datasheet HTML 3Page - Superworld Electronics STB13061R1MZF Datasheet HTML 4Page - Superworld Electronics STB13061R1MZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5. MATERIALS :
(a) Core : Iron Core
(b) Base : Phenolic
(c) Wire : Enamelled Copper Wire
(d) Adhesive : Epoxy
SUPERWORLD ELECTRONICS (S) PTE LTD
4. GENERAL SPECIFICATION :
b) Resistance to solder heat : 260°C. 10secs
a) Operating temp. : -40°C to +85°C
SHIELDED SMD POWER INDUCTORS
STB1306 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
09.05.2008
(e) Ink : Bon Margue
d
e
a
b
c
6. ELECTRICAL CHARACTERISTICS :
(
)
( µH )
( µH )
( µH )
Frequency
Frequency
( A )
( A )
(
)
( µH )
Part No.
0.25V/100K
0.25V/100K
( Hz )
STB1306140MZF
STB1306480MZF
STB1306670MZF
STB1306990MZF
* Turns Ratio : 1 : 1
STB1306330MZF
STB1306250MZF
STB1306200MZF
STB13061R9MZF
STB13065R1MZF
STB13067R8MZF
STB13069R8MZF
STB13061R1MZF
STB1306R76MZF
STB1306R49MZF
0.49
0.76
±20%
Min.
0.228
59.05
1.15
0.805
195.20
0.60
396.38
269.50
2.259
0.36
0.952
0.55
102.60
132.86
82.47
0.461
0.80
0.662
0.65
0.337
0.95
31.23
39.53
3.30
4.60
20.62
7.81
5.69
0.131
1.50
0.187
1.25
0.055
0.107
0.25V/100K
1.65
2.30
1.49
1.95
7.90
0.0093
5.90
7.20
0.0112
0.0166
2.24
3.05
4.39
3.24
Max.
Min.
±20%
0.019
0.25V/100K
3.95
0.023
0.033
0.25V/100K
0.25V/100K
3.60
2.95
Max.
( Hz )
Parallel
Test
LL IDC
IDC
RDC
L
L
IDC
RDC
Test
Series
IDC
1.95
1.10
7.81
5.15
14.76
9.88
25.65
20.62
48.80
99.09
67.37
33.21
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.37
9.52
69.54
43.04
32.21
17.17
22.93
13.44
3.56
6.70
5.15
0.81
1.42
0.56
0.0274
0.0534
0.0653
0.0933
0.1139
0.1684
0.2306
0.3312
0.4025
0.4760
1.1300
1.60
2.30
1.90
2.50
3.00
1.10
0.72
1.20
1.30
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
38.09
26.79
20.61
14.23
128.83
91.72
68.68
53.76
278.15
172.16
* Hi-Pot Test ( N1-N2 ) : 300VDC 1mA 1SECOND


Número de pieza similar - STB13061R1MZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STB13005 STMICROELECTRONICS-STB13005 Datasheet
78Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
STB13005 STMICROELECTRONICS-STB13005 Datasheet
207Kb / 11P
   High voltage fast-switching NPN power transistor
STB13005-1 STMICROELECTRONICS-STB13005-1 Datasheet
78Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
STB13005-1 STMICROELECTRONICS-STB13005-1 Datasheet
272Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
June 2001
STB13005-1 STMICROELECTRONICS-STB13005-1 Datasheet
207Kb / 11P
   High voltage fast-switching NPN power transistor
More results

Descripción similar - STB13061R1MZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com