Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME5143 Datasheet(PDF) 11 Page - Analog Microelectronics

No. de pieza AME5143
Descripción Electrónicos  1.4MHz Boost Converter With 30V Internal FET Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5143 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME5143 Datasheet HTML 7Page - Analog Microelectronics AME5143 Datasheet HTML 8Page - Analog Microelectronics AME5143 Datasheet HTML 9Page - Analog Microelectronics AME5143 Datasheet HTML 10Page - Analog Microelectronics AME5143 Datasheet HTML 11Page - Analog Microelectronics AME5143 Datasheet HTML 12Page - Analog Microelectronics AME5143 Datasheet HTML 13Page - Analog Microelectronics AME5143 Datasheet HTML 14Page - Analog Microelectronics AME5143 Datasheet HTML 15Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AME
11
AME5143
1.4MHz Boost Converter With
30V Internal FET Switch
Rev.A.01
I
Q VIN(Active) vs Temperature
Oscillator Frequency vs Temperature
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
-50
-25
0
25
50
75
100
125
Temperature (
oC)
VIN=3.3V
VIN=5V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
-50
-25
0
25
50
75
100
125
Temperature (
OC)
90.0
90.5
91.0
91.5
92.0
92.5
93.0
93.5
94.0
94.5
95.0
-50
-25
0
25
50
75
100
125
Temperature (
oC)
VIN=3.3V
VIN=5V
Max. Duty Cycle vs Temperature
I
Q VIN (Idle) vs Temperature
1.20
1.21
1.22
1.23
1.24
-50
-25
0
25
50
75
100
125
Temperature (
oC)
Feedback Voltage vs Temperature
0
0.01
0.02
0.03
0.04
-50
-25
0
25
50
75
100
125
Temperature (
oC)
Feedback Bias Current vs Temperature
125
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Temperature (
O
C)


Número de pieza similar - AME5143

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5140 AME-AME5140 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEAADJY AME-AME5140AEEAADJY Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEAADJZ3 AME-AME5140AEEAADJZ3 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEVADJY AME-AME5140AEEVADJY Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEVADJZ AME-AME5140AEEVADJZ Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
More results

Descripción similar - AME5143

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS1935 TSC-TS1935 Datasheet
391Kb / 8P
   1.6MHz Boost Converter with 30V Internal FET Switch
logo
Integrated Silicon Solu...
IS31PW3500 ISSI-IS31PW3500 Datasheet
261Kb / 8P
   1.1MHZ BOOST CONVERTER WITH 30V INTERNAL FET SWITCH
logo
Analog Microelectronics
AME5140 AME-AME5140 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
logo
Monolithic Power System...
MP3209 MPS-MP3209 Datasheet
397Kb / 11P
   1.4MHz, 350mA Boost Converter
logo
Integrated Silicon Solu...
IS31BL3506A-DLS2 ISSI-IS31BL3506A-DLS2 Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A-TTLS2-TR ISSI-IS31BL3506A-TTLS2-TR Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506B ISSI-IS31BL3506B Datasheet
440Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com