Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74732-0220 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 74732-0220
Descripción Electrónicos  XPAK 10Gbps Guide Rail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74732-0220 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74732-0220 Datasheet HTML 1Page - Molex Electronics Ltd. 74732-0220 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
MARKETS AND APPLICATIONS
XPAK 10Gbps Guide Rail
74732
XPAK represents the new 10 Gigabit Small Form-factor Pluggable system of modules
and interconnects that convert serial electrical signals to external serial optical or
electrical signals. The system includes a Multi-Source Agreement (MSA) standard
pluggable module and rail hardware. The technoloy is designed to support 10 Gigabit
Fibre Channel, 10 Gigabit Ethernet, OC192/STM-64 and InfiniBand* protocols.
The XPAK guide rail aligns Molex’s 10Gbps CX4 copper module (in development) or
any MSA optical transceiver with the 70-circuit XPAK host connector (74441-0013).
The guide rail features a passive latch point and a hard stop to control the insertion
depth of the module. The rail assembly features two EMI gaskets: front and lower rear.
These gaskets are designed to reduce emissions eminating from the equipment.
Molex designed the XPAK rail to meet XPAK MSA standards. The optical interface is a
XPAK optical transceiver which interfaces with Molex SC cables (Series 86282).
To remain competitive, Molex offers rails and cages for pluggable systems in multiple
form-factors. The difference between a “rail” and a “cage” is the following:
-Rail: an enclosure that holds a module
-Cage: an enclosure that completely covers a module
For additional information on XPAK, visit the XPAK website at: www.xpak.org
I Fibre Channel
- Switch Markets
I Gigabit Ethernet
- Networking Markets
I InfiniBand
- Servers
Features and Benefits
I Press-fit post accommodates belly-to-belly
applications to ensure better use of PCB real-estate
I Threaded screw holes provide screw down feature
for increased retention to the PCB
I Elastomer gaskets reduce overall EMI
I Compliance with MSA standard ensures
intermateability with industry standard products
I Positive latching function on the rail frame provides
proper transceiver retention
Molex’s XPAK Guide Rail With Enhanced, Multiple Electromagnetic
Interference (EMI) Gaskets Provide Superior EMI Protection
Optical transceiver shown with rail
*InfiniBand is a registered trademark of the InfiniBand Trade Association


Número de pieza similar - 74732-0220

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
7473 FAIRCHILD-7473 Datasheet
39Kb / 3P
   Dual Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
logo
List of Unclassifed Man...
7473 ETC1-7473 Datasheet
137Kb / 5P
   Dual JK Fllp-Flop Product Specification
December 4, 1985
logo
Molex Electronics Ltd.
74735-0010 MOLEX-74735-0010 Datasheet
546Kb / 2P
   X2 10 Gbps System
74736-0230 MOLEX8-74736-0230 Datasheet
52Kb / 1P
   XFP CAGE. HEAT SINK CLIP
74736-0242 MOLEX8-74736-0242 Datasheet
60Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results

Descripción similar - 74732-0220

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HARTING Technology Grou...
09-14-000-9987 HARTING-09-14-000-9987 Datasheet
467Kb / 1P
   Rail guide for sliding frame
2021-10-01
logo
Molex Electronics Ltd.
74739-0001 MOLEX-74739-0001 Datasheet
104Kb / 2P
   XPAK 10 Gbps Transceiver
logo
PHOENIX CONTACT
1206324 PHOENIX-1206324 Datasheet
43Kb / 2P
   Accessories for tools - PPS RAIL GUIDE
logo
Infineon Technologies A...
V23833-G2104-A001 INFINEON-V23833-G2104-A001 Datasheet
812Kb / 28P
   XPAK 1310 nm Module 10 Gigabit Pluggable Transceiver Compatible with XPAK MSA Rev. 2.3
2004-05-13
V23833-G2005-A101 INFINEON-V23833-G2005-A101 Datasheet
840Kb / 27P
   XPAK 850 nm Module 10 Gigabit Pluggable Transceiver Compatible with XPAK MSA Rev. 2.3
2004-05-13
logo
Finisar Corporation.
FTLX1451E2 FINISAR-FTLX1451E2 Datasheet
745Kb / 11P
   RoHS-6 Compliant 1310nm XPAK Transponder
logo
Maxim Integrated Produc...
MAX3942 MAXIM-MAX3942 Datasheet
227Kb / 10P
   10Gbps Modulator Driver
Rev 1; 6/07
logo
Finisar Corporation.
FTLX8551E3 FINISAR-FTLX8551E3 Datasheet
554Kb / 11P
   RoHS-6 Compliant 10 Gb/s 850nm XPAK Transponder
V850-2106-001 FINISAR-V850-2106-001 Datasheet
206Kb / 6P
   10GBPS 850NM VCSEL ARRAYS
logo
Source Photonics, Inc.
FTM-33X0C-X10G SOURCE-FTM-33X0C-X10G Datasheet
284Kb / 11P
   10Gbps 1310nm XFP Transceiver
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com