Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD-S40224S Datasheet(PDF) 4 Page - China Semiconductor Corporation

No. de pieza CSD-S40224S
Descripción Electrónicos  0.4 Inch Dual Digit SMD Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINASEMI [China Semiconductor Corporation]
Página de inicio  
Logo CHINASEMI - China Semiconductor Corporation

CSD-S40224S Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSD-S40224S Datasheet HTML 1Page - China Semiconductor Corporation CSD-S40224S Datasheet HTML 2Page - China Semiconductor Corporation CSD-S40224S Datasheet HTML 3Page - China Semiconductor Corporation CSD-S40224S Datasheet HTML 4Page - China Semiconductor Corporation CSD-S40224S Datasheet HTML 5Page - China Semiconductor Corporation CSD-S40224S Datasheet HTML 6Page - China Semiconductor Corporation CSD-S40224S Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
Peak Current Per Dice(duty cycle 1/10,1KHz)
IPF
mA
-
mA/
VR
V
Topr
Tstg
Note:Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Electro-optical Characteristics -
Symbol
Min.
Typ.
Max.
Unit
VF
-
1.8
2.5
V
Iv
2.5
6
-
mcd
P
-
660
-
nm
Spectrum Radiation Bandwidth
-
20
-
nm
IR
-
-
100
A
IV-m
-
-
2:1
.
Page
3/6
IF=20mA
VR=5V
Reverse Current
http://www.csctw.com.tw
Power Dissipation Per Dice
75
Continuous Forward Current Per Dice
Reverse Voltage Per Dice
Parameter
Rating
PS-DD-S40224/S40225S
30
120
Derating Linear From 25
Per Dice
Storage Temp.
-40 ~ +105
0.42
Operating Temp.
Parameter
5
Luminous Intensity Matching Ratio
Model No CSD-S40224/S40225S
Forward Voltage Per Segment
Luminous Intensity Per Segment
Peak Emission Wavelength
A
(Ta=25 )
Condition
IF=20mA
IF=10mA
IF=20mA
IF=10mA
-40 ~ +105


Número de pieza similar - CSD-S40224S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSD-S40224A9 CHINASEMI-CSD-S40224A9 Datasheet
248Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40224B7 CHINASEMI-CSD-S40224B7 Datasheet
238Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40224G CHINASEMI-CSD-S40224G Datasheet
243Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40224M CHINASEMI-CSD-S40224M Datasheet
245Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40224V9 CHINASEMI-CSD-S40224V9 Datasheet
235Kb / 7P
   0.4 Inch Dual Digit SMD Display
More results

Descripción similar - CSD-S40224S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSD-S40224V9 CHINASEMI-CSD-S40224V9 Datasheet
235Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40228B7 CHINASEMI-CSD-S40228B7 Datasheet
233Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40228M9 CHINASEMI-CSD-S40228M9 Datasheet
238Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40224A9 CHINASEMI-CSD-S40224A9 Datasheet
248Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40228A9 CHINASEMI-CSD-S40228A9 Datasheet
244Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40228T9 CHINASEMI-CSD-S40228T9 Datasheet
239Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40224B7 CHINASEMI-CSD-S40224B7 Datasheet
238Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S4022T9 CHINASEMI-CSD-S4022T9 Datasheet
245Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40228G CHINASEMI-CSD-S40228G Datasheet
240Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40228V9 CHINASEMI-CSD-S40228V9 Datasheet
231Kb / 7P
   0.4 Inch Dual Digit SMD Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com