Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74740-0001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 74740-0001
Descripción Electrónicos  1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74740-0001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74740-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 2Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 3Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 4Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 5Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 6Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 7Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 8Page - Molex Electronics Ltd. 74740-0001 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
GBIC Mode
When the internal gigabit Ethernet transceiver (PHY) is configured to GBIC mode, the PHY can interface directly with the host serial/deserial
(SERDES) interface. The host interface transmits and receives serial data differentially at 1.25Gbps. The copper interface is full featured
and advertises full/half duplex, and 1000Base-T wire speed.
Auto-Negotiation
Auto-Negotiation is supported over both the twisted pair copper link and SERDES interface as defined in the IEEE 802.3 standards and is
performed as part of the initial set-up of the link. The copper link is negotiated according to the IEEE 802.3 Clause 28, and Clause 37 is
used in the negotiation of the SERDES interface. The two interfaces advertise 1000Base-T full-duplex, and master/slave relationships. The
master establishes the time control from its local clock source. The slave however recovers the clock from the received data stream. The
GBIC application is limited to 1000Base-T wire speed only. Auto-Negotiation on the SERDES link is always restarted when a changeis
detected on copper link (see Link Monitor and Loss-of-Signal for further details).
Automatic MDI Crossover
The 1000Base-T GBIC transceiver performs a MDI crossover during Auto-Negotiation eliminating the need for crossover cables or cross-
wired (MDIX) ports.
Loss of Signal - Link Monitor
Following Auto-Negotiation, the master and slave begin sending data over the twisted pair link. The master and slave continuously monitor
the copper link for quality of data. The link status bit is set after one microsecond of quality data. If the quality of copper link drops below
factory PHY minimums, the GBIC will drop the SERDES link, and assert the LOS I/O interface (optional) in less than 200 milliseconds.
Auto Power Savings Mode
When the copper link is lost, the GBIC automatically enters a low power mode reducing the chip power requirements. Full power mode
resumes once the copper link is re-established.
Not Implemented in GBIC Auto-Negotiation
Next page exchange and detection of remote faults are not auto-negotiated.
1000Base-T RJ-45 Gigabit
Ethernet GBIC Copper
Transceiver
1000BASE-T RJ-45 GBIC FEATURES


Número de pieza similar - 74740-0001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
7474 FAIRCHILD-7474 Datasheet
51Kb / 5P
   Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
logo
Molex Electronics Ltd.
74741 MOLEX-74741 Datasheet
128Kb / 2P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741 MOLEX-74741 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741-0001 MOLEX-74741-0001 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741-0002 MOLEX-74741-0002 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
More results

Descripción similar - 74740-0001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
74741 MOLEX-74741_04 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741 MOLEX-74741 Datasheet
128Kb / 2P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-02 BEL-SFP-1GBT-02_12 Datasheet
380Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
SFP-1GBT-06 BEL-SFP-1GBT-06_12 Datasheet
381Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
SFP-1GBT-06 BEL-SFP-1GBT-06_17 Datasheet
498Kb / 3P
   SFP Copper Transceiver 1000Base-T to GBIC
logo
Finisar Corporation.
FCM-8520-3 FINISAR-FCM-8520-3 Datasheet
165Kb / 7P
   1000BASE-T Copper GBIC Transceivers
FCL-8520-3 FINISAR-FCL-8520-3 Datasheet
151Kb / 7P
   1000BASE-T Copper GBIC Transceivers
FCL-8520 FINISAR-FCL-8520 Datasheet
156Kb / 7P
   1000BASE-T Copper GBIC Transceivers
logo
Broadcom Corporation.
BCM5421S BOARDCOM-BCM5421S Datasheet
127Kb / 1P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com