Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSM-58271VM9 Datasheet(PDF) 1 Page - China Semiconductor Corporation

No. de pieza CSM-58271VM9
Descripción Electrónicos  2.3 Inch 5X8 Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINASEMI [China Semiconductor Corporation]
Página de inicio  
Logo CHINASEMI - China Semiconductor Corporation

CSM-58271VM9 Datasheet(HTML) 1 Page - China Semiconductor Corporation

  CSM-58271VM9 Datasheet HTML 1Page - China Semiconductor Corporation CSM-58271VM9 Datasheet HTML 2Page - China Semiconductor Corporation CSM-58271VM9 Datasheet HTML 3Page - China Semiconductor Corporation CSM-58271VM9 Datasheet HTML 4Page - China Semiconductor Corporation CSM-58271VM9 Datasheet HTML 5Page - China Semiconductor Corporation CSM-58271VM9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
2.3 Inch 5X8 Dot-Matrix Display
Dot Pitch 7.62mm
CSM-58271: Column Anode, Row Cathode
CSM-58281: Column Cathode, Row Anode
Emitting Color: Super Bright Orange & Super Bright Green
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-8623888
Fax:886-2-2223-9377
Fax:86-0575-8623112
PS-ND-08090409
A
Model No CSM-58271VM9/58281VM9
APPROVED BY
CHECKED BY
PREPARED BY
CUSTOMER APPROVED
SIGNATURES
http://www.csctw.com.tw


Número de pieza similar - CSM-58271VM9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSM-58271EG CHINASEMI-CSM-58271EG Datasheet
237Kb / 8P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58271SG CHINASEMI-CSM-58271SG Datasheet
236Kb / 6P
   2.3 Inch 5X8 Dot-Matrix Display
More results

Descripción similar - CSM-58271VM9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58231M9 CHINASEMI-CSM-58231M9 Datasheet
207Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58211A9 CHINASEMI-CSM-58211A9 Datasheet
197Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58231A9 CHINASEMI-CSM-58231A9 Datasheet
206Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58211S CHINASEMI-CSM-58211S Datasheet
197Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58231B7 CHINASEMI-CSM-58231B7 Datasheet
202Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58211V9 CHINASEMI-CSM-58211V9 Datasheet
192Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58231E CHINASEMI-CSM-58231E Datasheet
206Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58231T9 CHINASEMI-CSM-58231T9 Datasheet
208Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58261VM9 CHINASEMI-CSM-58261VM9 Datasheet
229Kb / 6P
   2.3 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com