Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSM-58432A9 Datasheet(PDF) 1 Page - China Semiconductor Corporation

No. de pieza CSM-58432A9
Descripción Electrónicos  4.6 Inch 5X8 Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINASEMI [China Semiconductor Corporation]
Página de inicio  
Logo CHINASEMI - China Semiconductor Corporation

CSM-58432A9 Datasheet(HTML) 1 Page - China Semiconductor Corporation

  CSM-58432A9 Datasheet HTML 1Page - China Semiconductor Corporation CSM-58432A9 Datasheet HTML 2Page - China Semiconductor Corporation CSM-58432A9 Datasheet HTML 3Page - China Semiconductor Corporation CSM-58432A9 Datasheet HTML 4Page - China Semiconductor Corporation CSM-58432A9 Datasheet HTML 5Page - China Semiconductor Corporation CSM-58432A9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
4.6 Inch 5X8 Dot-Matrix Display
Dot Pitch 15.25mm
CSM-58432: Column Anode, Row Cathode
CSM-58442: Column Cathode, Row Anode
Emitting Color: Super Bright Amber
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-8623888
Fax:886-2-2223-9377
Fax:86-0575-8623112
http://www.csctw.com.tw
APPROVED BY
CHECKED BY
PREPARED BY
PS-ND-08090309
A
Model No CSM-58432A9/58442A9
CUSTOMER APPROVED
SIGNATURES


Número de pieza similar - CSM-58432A9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSM-58432B7 CHINASEMI-CSM-58432B7 Datasheet
215Kb / 6P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432E CHINASEMI-CSM-58432E Datasheet
200Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432G CHINASEMI-CSM-58432G Datasheet
198Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432M9 CHINASEMI-CSM-58432M9 Datasheet
201Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432S CHINASEMI-CSM-58432S Datasheet
201Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
More results

Descripción similar - CSM-58432A9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSM-58432G CHINASEMI-CSM-58432G Datasheet
198Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432E CHINASEMI-CSM-58432E Datasheet
200Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432V9 CHINASEMI-CSM-58432V9 Datasheet
215Kb / 6P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58462SG CHINASEMI-CSM-58462SG Datasheet
282Kb / 7P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432M9 CHINASEMI-CSM-58432M9 Datasheet
201Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58462VM9 CHINASEMI-CSM-58462VM9 Datasheet
283Kb / 8P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432B7 CHINASEMI-CSM-58432B7 Datasheet
215Kb / 6P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432S CHINASEMI-CSM-58432S Datasheet
201Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432T9 CHINASEMI-CSM-58432T9 Datasheet
220Kb / 6P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58462EG CHINASEMI-CSM-58462EG Datasheet
260Kb / 6P
   4.6 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com