Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSM-88045M9 Datasheet(PDF) 4 Page - China Semiconductor Corporation

No. de pieza CSM-88045M9
Descripción Electrónicos  0.78 Inch 8X8 Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINASEMI [China Semiconductor Corporation]
Página de inicio  
Logo CHINASEMI - China Semiconductor Corporation

CSM-88045M9 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSM-88045M9 Datasheet HTML 1Page - China Semiconductor Corporation CSM-88045M9 Datasheet HTML 2Page - China Semiconductor Corporation CSM-88045M9 Datasheet HTML 3Page - China Semiconductor Corporation CSM-88045M9 Datasheet HTML 4Page - China Semiconductor Corporation CSM-88045M9 Datasheet HTML 5Page - China Semiconductor Corporation CSM-88045M9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
7
-
mcd
IF=10mA
q
-
572
-
nm
IF=20mA
Od
-
570
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
Ip=80mA
1/16Duty
Page
3/5
A
Model No CSM-88035M9/88045M9
http://www.csctw.com.tw
Luminous Intensity Matching Ratio
Derating Linear From 25
Per Dice
0.33
Reverse Voltage Per Dice
Rating
PS-ND-08090304
Peak Emission Wavelength
Dominant Wavelength
Spectrum Radiation Bandwidth
Reverse Current
70
25
90
Parameter
Power Dissipation Per Dice
Continuous Forward Current Per Dice
Peak Current Per Dice(duty cycle 1/10,1KHz)
5
Operating Temp.
-35 ~ +85
Storage Temp.
-35 ~ +85
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Parameter
Forward Voltage Per Dot
Luminous Intensity Per Dot


Número de pieza similar - CSM-88045M9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSM-88045A9 CHINASEMI-CSM-88045A9 Datasheet
223Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88045E CHINASEMI-CSM-88045E Datasheet
223Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88045G CHINASEMI-CSM-88045G Datasheet
226Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88045S CHINASEMI-CSM-88045S Datasheet
224Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88045T9 CHINASEMI-CSM-88045T9 Datasheet
224Kb / 7P
   0.78 Inch 8X8 Dot-Matrix Display
More results

Descripción similar - CSM-88045M9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88035S CHINASEMI-CSM-88035S Datasheet
224Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88035A9 CHINASEMI-CSM-88035A9 Datasheet
223Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88035T9 CHINASEMI-CSM-88035T9 Datasheet
224Kb / 7P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88035E CHINASEMI-CSM-88035E Datasheet
223Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88035G CHINASEMI-CSM-88035G Datasheet
226Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88138V9 CHINASEMI-CSM-88138V9 Datasheet
220Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88160VM9 CHINASEMI-CSM-88160VM9 Datasheet
275Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88211M9 CHINASEMI-CSM-88211M9 Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com