Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSM-88121G Datasheet(PDF) 2 Page - China Semiconductor Corporation

No. de pieza CSM-88121G
Descripción Electrónicos  1.2 Inch 8X8 Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINASEMI [China Semiconductor Corporation]
Página de inicio  
Logo CHINASEMI - China Semiconductor Corporation

CSM-88121G Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CSM-88121G Datasheet HTML 1Page - China Semiconductor Corporation CSM-88121G Datasheet HTML 2Page - China Semiconductor Corporation CSM-88121G Datasheet HTML 3Page - China Semiconductor Corporation CSM-88121G Datasheet HTML 4Page - China Semiconductor Corporation CSM-88121G Datasheet HTML 5Page - China Semiconductor Corporation CSM-88121G Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 1.2 inch (30.8mm) Matrix height.
3. RoHS compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Column
Row
Anode
Cathode
Cathode
Anode
Package Dimensions -
Page
1/5
Model No CSM-88111G/88121G
PS-ND-08090304
Part No.
CSM-88111G
GaP
Yellow Green
Material
A
Chip
Emitted Color
2. 8x8 array with X-Y select.
Description
http://www.csctw.com.tw
CSM-88121G
GaP
Yellow Green


Número de pieza similar - CSM-88121G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSM-88121A9 CHINASEMI-CSM-88121A9 Datasheet
212Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88121E CHINASEMI-CSM-88121E Datasheet
209Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88121M9 CHINASEMI-CSM-88121M9 Datasheet
222Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88121S CHINASEMI-CSM-88121S Datasheet
213Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88121T9 CHINASEMI-CSM-88121T9 Datasheet
213Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
More results

Descripción similar - CSM-88121G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSM-88160VM9 CHINASEMI-CSM-88160VM9 Datasheet
275Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111M9 CHINASEMI-CSM-88111M9 Datasheet
222Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111T9 CHINASEMI-CSM-88111T9 Datasheet
213Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111A9 CHINASEMI-CSM-88111A9 Datasheet
212Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111S CHINASEMI-CSM-88111S Datasheet
213Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111V9 CHINASEMI-CSM-88111V9 Datasheet
206Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88160EG CHINASEMI-CSM-88160EG Datasheet
273Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88160SG CHINASEMI-CSM-88160SG Datasheet
277Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111E CHINASEMI-CSM-88111E Datasheet
209Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com